Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1145 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SA1145
Description  Silicon PNP transistor in a TO-92LM Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1145 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1145 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1145 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1145 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1145 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1145 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1145 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1145
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-150
V
Collector to Emitter Voltage
VCEO
-150
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-50
mA
Base Current
IB
-5.0
mA
Collector Power Dissipation
PC
800
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-1.0mA
IB=0
-150
V
Collector Cut-Off Current
ICBO
VCB=-150V
IE=0
-0.1
μA
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-0.1
μA
DC Current Gain
hFE
VCE=-5.0V
IC=-10mA
80
240
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-10mA
IB=-1.0mA
-1.0
V
Base to Emitter Voltage
VBE
VCE=-5.0V
IC=-10mA
-0.8
V
Transition Frequency
fT
IC=-10mA
VCE=-5.0V
200
MHz
Collector output capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
2.5
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - 2SA1145

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1145 TOSHIBA-2SA1145 Datasheet
144Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SA1145 TOSHIBA-2SA1145 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
logo
Jiangsu Changjiang Elec...
2SA1145 JIANGSU-2SA1145 Datasheet
2Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SA1145 ISC-2SA1145 Datasheet
426Kb / 3P
   isc Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
More results

Similar Description - 2SA1145

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KTA1275 FOSHAN-KTA1275 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
2SA1208 FOSHAN-2SA1208 Datasheet
917Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1703 FOSHAN-2SA1703 Datasheet
866Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB647 FOSHAN-2SB647 Datasheet
903Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB647A FOSHAN-2SB647A Datasheet
903Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB772L FOSHAN-2SB772L Datasheet
842Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB1243 FOSHAN-2SB1243 Datasheet
807Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1160 FOSHAN-2SA1160 Datasheet
844Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA683 FOSHAN-2SA683 Datasheet
783Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1020 FOSHAN-2SA1020 Datasheet
928Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1371 FOSHAN-2SA1371 Datasheet
943Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com