Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1480 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SA1480
Description  Silicon PNP transistor in a TO-126F Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1480 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1480 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1480 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1480 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1480 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1480 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1480 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1480
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-300
V
Collector to Emitter Voltage
VCEO
-300
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-100
mA
Collector Current – Continuous(Pulse)
ICP
-200
mA
Collector Power Dissipation
PC
1.5
W
Collector Power Dissipation
PC(Tc=25 )
7.0
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=-10μA
IE=0
-300
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=-1.0mA
RBE=∞
-300
V
Emitter to Base Breakdown Voltage
VEBO
IE=-10μA
IC=0
-5.0
V
Collector Cut-Off Current
ICBO
VCB=-200V
IE=0
-0.1
μA
Emitter Cut-Off Current
IEBO
VEB=-4.0V
IC=0
-0.1
μA
DC Current Gain
hFE
VCE=-10V
IC=-10mA
40
320
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-20mA
IB=-2.0mA
-0.6
V
Base to Emitter Saturation Voltage
VBE(sat) IC=-20mA
IB=-2.0mA
-1.0
V
Transition Frequency
fT
VCE=-30V
IC=-10mA
150
MHz
Collector Output Capacitance
Cob
VCB=-30V
f=1.0MHz
3.1
pF
Reverse Transfer Capacitance
Cre
VCB=-30V
f=1.0MHz
2.3
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - 2SA1480

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1480 SANYO-2SA1480 Datasheet
141Kb / 5P
   High-Definition CRT Display, Video Output Applications???
2SA1480 SANYO-2SA1480 Datasheet
183Kb / 3P
   Transistors for TV Display Video Output Use
More results

Similar Description - 2SA1480

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SB631K FOSHAN-2SB631K Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD438 FOSHAN-BD438 Datasheet
874Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD136 FOSHAN-BD136 Datasheet
751Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD440 FOSHAN-BD440 Datasheet
921Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
2SB772 FOSHAN-2SB772 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
MJE350 FOSHAN-MJE350 Datasheet
862Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
KSA1156 FOSHAN-KSA1156 Datasheet
897Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
MJE172 FOSHAN-MJE172 Datasheet
759Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
MJE210 FOSHAN-MJE210 Datasheet
820Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
2SB1658 FOSHAN-2SB1658 Datasheet
832Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package
2SA715F FOSHAN-2SA715F Datasheet
926Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com