Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1360A Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC1360A
Description  Silicon NPN transistor in a TO-92LM Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC1360A Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC1360A Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1360A Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1360A Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1360A Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1360A Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1360A Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC1360(A)
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
2SC1360
50
V
2SC1360A
60
Collector to Emitter Voltage
VCEO
2SC1360
45
V
2SC1360A
60
Emitter to Base Voltage
VEBO
4.0
V
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
PC
1.0
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base
Breakdown Voltage
VCBO
2SC1360
IC=-10μA
IE=0
50
V
2SC1360A
60
Collector to Emitter
Breakdown Voltage
VCEO
2SC1360
IC=-1.0mA
RBE=∞
45
V
2SC1360A
60
Collector Cut-Off Current
ICBO
VCB=20V
IE=0
0.1
μA
DC Current Gain
hFE
VCE=10V
IC=10mA
20
100
Collector to Emitter
Saturation Voltage
VCE(sat)
IC=20mA
IB=2.0mA
0.4
V
Transition Frequency
fT
VCE=10V
IC=10mA
f=100MHz
300
MHz
Power Gain
Gpe
VCB=10V
IE=-10mA
f=58MHz
22
30
dB
Reverse Transfer
Capacitance
Cre
VCB=10V
IE=-1.0mA
f=10.7MHz
1.5
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - 2SC1360A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1360A PANASONIC-2SC1360A Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For intermadiate frequency amplification of TV image)
More results

Similar Description - 2SC1360A

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KTC3205 FOSHAN-KTC3205 Datasheet
903Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SD882L FOSHAN-2SD882L Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
KTD1347 FOSHAN-KTD1347 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package.
2SC1384 FOSHAN-2SC1384 Datasheet
722Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC3328 FOSHAN-2SC3328 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC2705 FOSHAN-2SC2705 Datasheet
900Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SD667 FOSHAN-2SD667 Datasheet
903Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SD1207 FOSHAN-2SD1207 Datasheet
948Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC1627A FOSHAN-2SC1627A Datasheet
892Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC2482 FOSHAN-2SC2482 Datasheet
894Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC2703 FOSHAN-2SC2703 Datasheet
951Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com