Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1277 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # KTA1277
Description  Silicon PNP transistor in a TO-92LM Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTA1277 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTA1277 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1277 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1277 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1277 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1277 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1277 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTA1277
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-400
V
Collector to Emitter Voltage
VCEO
-400
V
Emitter to Base Voltage
VEBO
-7.0
V
Collector Current - Continuous
IC
-500
mA
Collector Power Dissipation
PC
1.0
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-1.0mA
IB=0
-400
V
Collector to Base Breakdown
Voltage
VCBO
IC=-100μA
IE=0
-400
V
Emitter to Base Breakdown
Voltage
VEBO
IE=-100μA
IC=0
-7.0
V
Collector Cut-Off Current
ICBO
VCB=-400V
IE=0
-10
μA
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-10
μA
DC Current Gain
hFE
VCE=-5.0V
IC=-100mA
60
200
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-100mA
IB=-10mA
-1.0
V
Base to Emitter Saturation Voltage VBE(sat) IC=-100mA
IB=-10mA
-1.2
V
Turn-On Time
ton
IC=-100mA
RL=1.5KΩ
IB1=-10mA
IB2=20mA
VCC=-150V
1.0
μs
Storage Time
tstg
4.0
Turn-Off Time
tff
1.0
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - KTA1277

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1277 KEC-KTA1277 Datasheet
268Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)
KTA1277 KEC-KTA1277 Datasheet
82Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA1277

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KTA1275 FOSHAN-KTA1275 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
2SA1208 FOSHAN-2SA1208 Datasheet
917Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1703 FOSHAN-2SA1703 Datasheet
866Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB647 FOSHAN-2SB647 Datasheet
903Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB647A FOSHAN-2SB647A Datasheet
903Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB772L FOSHAN-2SB772L Datasheet
842Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB1243 FOSHAN-2SB1243 Datasheet
807Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1160 FOSHAN-2SA1160 Datasheet
844Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA683 FOSHAN-2SA683 Datasheet
783Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1020 FOSHAN-2SA1020 Datasheet
928Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1371 FOSHAN-2SA1371 Datasheet
943Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com