Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC257A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC257A
Description  Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC257A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC257A Datasheet HTML 2Page - NXP Semiconductors 74LVC257A Datasheet HTML 3Page - NXP Semiconductors 74LVC257A Datasheet HTML 4Page - NXP Semiconductors 74LVC257A Datasheet HTML 5Page - NXP Semiconductors 74LVC257A Datasheet HTML 6Page - NXP Semiconductors 74LVC257A Datasheet HTML 7Page - NXP Semiconductors 74LVC257A Datasheet HTML 8Page - NXP Semiconductors 74LVC257A Datasheet HTML 9Page - NXP Semiconductors 74LVC257A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74LVC257A
Quad 2-input multiplexer with 5 Volt tolerant
inputs/outputs (3-State)
1998 Jul 29
7
SO16:
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1


Similar Part No. - 74LVC257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A Datasheet
97Kb / 10P
   Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC257A NEXPERIA-74LVC257A Datasheet
262Kb / 14P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
74LVC257ABQ NEXPERIA-74LVC257ABQ Datasheet
262Kb / 14P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
logo
NXP Semiconductors
74LVC257AD PHILIPS-74LVC257AD Datasheet
97Kb / 10P
   Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC257AD NEXPERIA-74LVC257AD Datasheet
262Kb / 14P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
More results

Similar Description - 74LVC257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A Datasheet
97Kb / 10P
   Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC257A PHILIPS-74LVC257A_15 Datasheet
193Kb / 18P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 6-28 November 2011
logo
Nexperia B.V. All right...
74LVC257A NEXPERIA-74LVC257A Datasheet
262Kb / 14P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_12 Datasheet
223Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
logo
NXP Semiconductors
74LVC126A PHILIPS-74LVC126A Datasheet
115Kb / 20P
   Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com