Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022012091 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022012091
Description  KK 254 Crimp Housing, 9 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022012091 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022012091_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022012091
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Crimp Housing, 9 Circuits
Documents:
3D Model
Packaging Specification PK-2695-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-10-07-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
2695
Application
Signal, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800753593787
Physical
Circuits (maximum)
9
Color - Resin
Natural (White)
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
0.941/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Stackable
No
Temperature Range - Operating
See Product Specification
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
2695-09
Reference - Drawing Numbers
Packaging Specification
PK-2695-001-001
Product Specification
PS-10-07-001
Sales Drawing
26950000-SD-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
2695 Series
Mates With
KK®254 PCB Headers 42375 , 42377
, 42376 , 4030 , 6373 , 6410 , 171856 ,
171857
Use With
2759 , 4809 KK® Crimp terminal
This document was generated on 07/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022012091_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022012091 MOLEX2-0022012091 Datasheet
418Kb / 4P
   2.54mm (.100) Pitch KK짰 Crimp Terminal Housing, 9 Circuits, Use with 2759|41572|6459
More results

Similar Description - 0022012091_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010112093 MOLEX1-0010112093_17 Datasheet
48Kb / 1P
   KK 254 Crimp Housing, High Pressure, 9 Circuits
0022013097 MOLEX1-0022013097_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, Friction Ramp, 9 Circuits
0022012041 MOLEX1-0022012041_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 4 Circuits
0022012151 MOLEX1-0022012151_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 15 Circuits
0022012061 MOLEX1-0022012061_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 6 Circuits
0022012051 MOLEX1-0022012051_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 5 Circuits
0022012021 MOLEX1-0022012021_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 2 Circuits
0022012121 MOLEX1-0022012121_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 12 Circuits
0022012141 MOLEX1-0022012141_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 14 Circuits
0022012161 MOLEX1-0022012161_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 16 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com