Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L065XG9S Datasheet(PDF) 1 Page - Dielectric Laboratories, Inc.

Part # L065XG9S
Description  6.5GHz Surface Mount LPF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

L065XG9S Datasheet(HTML) 1 Page - Dielectric Laboratories, Inc.

  L065XG9S Datasheet HTML 1Page - Dielectric Laboratories, Inc. L065XG9S Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
DLI introduces its new high frequency surface
mountable catalog low pass filters. These
LPF’s incorporate DLI’s high dielectric ceramic
materials which provide small size and
minimal performance variation over
temperature. The catalog LPF’s are offered in
a variety of frequency bands, which offers a
drop in solution for high frequency attenuation.
FEATURES
Small Size
Fully Shielded Component
Frequency Stable over Temperature
Solder Surface Mountable
Excellent Repeatability
Operating Temp: -55˚C to +125˚C
Characteristic Impedance: 50Ω
100% Tested & Inspected
SPECIFICATIONS*
*Electrical specifications based on typical mounted performance at room
temperature. Insertion loss shall vary ±0.5dB over temperature.
6.5GHz Surface Mount LPF
L065XG9S
Typical Measured Performance
Parameter
Frequency
(GHz)
Min
Max
Passband
Insertion Loss*
DC - 6
1.3
Min Passband
Return Loss
DC - 6
20
Stopband
Attenuation (dB)
7.9 - 22
35
Size (LxWxH)
0.220 x 0.180 x 0.103 in
www.knowlescapacitors.com
www.dilabs.com
-60
-50
-40
-30
-20
-10
0
0
2
4
6
8
10
12
14
16
18
20
22
24
Frequency in GHz
2777 Route 20 East, Cazenovia, NY 13035| Ph: (315)655-8710 | KCCSales@knowles.com
April 2015


Similar Part No. - L065XG9S

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
L065XG9S DILABS-L065XG9S Datasheet
623Kb / 2P
   6 GHz Surface Mount Lowpass Filter
L065XG9S DILABS-L065XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L065XG9S DILABS-L065XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L065XG9S DILABS-L065XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L065XG9S DILABS-L065XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
More results

Similar Description - L065XG9S

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
L065XG9S KNOWLES-L065XG9S Datasheet
449Kb / 2P
   6.5GHz Surface Mount LPF
L117XH4S KNOWLES-L117XH4S Datasheet
589Kb / 2P
   11.7GHz Surface Mount LPF
logo
Dielectric Laboratories...
L050XF9S DILABS-L050XF9S Datasheet
406Kb / 2P
   5GHz Surface Mount LPF
logo
Knowles Electronics
L157XG3S KNOWLES-L157XG3S Datasheet
426Kb / 2P
   15.7GHz Surface Mount LPF
logo
Dielectric Laboratories...
L204XF4S DILABS-L204XF4S_15 Datasheet
444Kb / 2P
   20.4GHz Surface Mount LPF
logo
Knowles Electronics
L128XH4S KNOWLES-L128XH4S Datasheet
421Kb / 2P
   12.8GHz Surface Mount LPF
L185XF4S KNOWLES-L185XF4S Datasheet
378Kb / 2P
   18GHz Surface Mount LPF
L095XG9S KNOWLES-L095XG9S Datasheet
383Kb / 2P
   9.5GHz Surface Mount LPF
logo
Dielectric Laboratories...
L128XH4S DILABS-L128XH4S_15 Datasheet
421Kb / 2P
   12.8GHz Surface Mount LPF
logo
Knowles Electronics
L050XF9S KNOWLES-L050XF9S Datasheet
409Kb / 2P
   5GHz Surface Mount LPF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com