Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA56 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MPSA56
Description  Silicon PNP transistor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MPSA56 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MPSA56 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MPSA56 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MPSA56 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MPSA56 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MPSA56 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MPSA56 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPSA56
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-80
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-500
mA
Peak Collector Current
ICM
-1.0
A
Peak Base Current
IBM
-200
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=-80V
IE=0
-0.05
μA
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-0.05
μA
DC Current Gain
hFE(1)
VCE=-1.0V
IC=-100mA
100
hFE(2)
VCE=-1.0V
IC=-10mA
100
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-100mA
IB=-10mA
-0.25
V
Base to Emitter Voltage
VBE
VCE=-1.0V
IC=-100mA
-1.2
V
Transition Frequency
fT
VCE=-1.0V
IC=-100mA
f=100MHz
50
MHz
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MPSA56

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA56 MOTOROLA-MPSA56 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
MPSA56 MCC-MPSA56 Datasheet
573Kb / 4P
   PNP Silicon Amplifier Transistor
logo
Unisonic Technologies
MPSA56 UTC-MPSA56 Datasheet
187Kb / 5P
   AMPLIFIER TRANSISTOR
MPSA56 UTC-MPSA56 Datasheet
211Kb / 4P
   PNP MPSA56
logo
ON Semiconductor
MPSA56 ONSEMI-MPSA56 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
More results

Similar Description - MPSA56

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2N2907 FOSHAN-2N2907 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2N4126 FOSHAN-2N4126 Datasheet
791Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA733 FOSHAN-2SA733 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA984 FOSHAN-2SA984 Datasheet
689Kb / 5P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA1091 FOSHAN-2SA1091 Datasheet
933Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA1585 FOSHAN-2SA1585 Datasheet
981Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
ZTX750 FOSHAN-ZTX750 Datasheet
1,018Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA608K FOSHAN-2SA608K Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA720 FOSHAN-2SA720 Datasheet
790Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA1300 FOSHAN-2SA1300 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
MPSA94 FOSHAN-MPSA94 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com