Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16HMFH Datasheet(PDF) 1 Page - Rohm

Part # BAS16HMFH
Description  Switching Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAS16HMFH Datasheet(HTML) 1 Page - Rohm

  BAS16HMFH Datasheet HTML 1Page - Rohm BAS16HMFH Datasheet HTML 2Page - Rohm BAS16HMFH Datasheet HTML 3Page - Rohm BAS16HMFH Datasheet HTML 4Page - Rohm BAS16HMFH Datasheet HTML 5Page - Rohm BAS16HMFH Datasheet HTML 6Page - Rohm BAS16HMFH Datasheet HTML 7Page - Rohm BAS16HMFH Datasheet HTML 8Page - Rohm BAS16HMFH Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BAS16HMFH
Switching Diode (High speed switching)
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          Outline
VRM
100
V
     
 
IFM
500
mA
 
 
IF
215
mA
 
 
IFSM
4000
mA
 
 
 
     
Features
Inner Circuit
High reliability
Small mold type
Application
Packaging Specifications
High speed switching
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
3000
Epitaxial planar
Taping Code
T116
Marking
D9X
Absolute Maximum Ratings
(Ta = 25ºC)
 
 
       
 
Parameter
Symbol
Conditions
Limits
Unit
Repetitive peak reverse voltage
VRM
-
100
V
Reverse voltage
VR
-
80
V
Power dissipation
PD
Ta25
250
mW
Repetitive peak reverse forward current
IFM
500
mA
Peak forward surge current
IFSM
t=1μs
4000
mA
Forward current
IF
-
215
mA
Junction temperature
Tj
-
150
Storage temperature
Tstg
-
-65 150
Cautionstatic electricity
                                                                                         
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
1/5
 
2017/02/01_Rev.002


Similar Part No. - BAS16HMFH

ManufacturerPart #DatasheetDescription
logo
Rohm
BAS16HM ROHM-BAS16HM Datasheet
1Mb / 9P
   Switching Diode
More results

Similar Description - BAS16HMFH

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com