Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMN11FH Datasheet(PDF) 1 Page - Rohm

Part # EMN11FH
Description  Switching Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMN11FH Datasheet(HTML) 1 Page - Rohm

  EMN11FH Datasheet HTML 1Page - Rohm EMN11FH Datasheet HTML 2Page - Rohm EMN11FH Datasheet HTML 3Page - Rohm EMN11FH Datasheet HTML 4Page - Rohm EMN11FH Datasheet HTML 5Page - Rohm EMN11FH Datasheet HTML 6Page - Rohm EMN11FH Datasheet HTML 7Page - Rohm EMN11FH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EMN11FH
Switching Diode (High speed switching)
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          Outline
VRM
80
V
     
 
IFM
300
mA
 
 
Io
100
mA
 
 
IFSM
4000
mA
 
 
 
     
Features
Inner Circuit
High reliability
Small mold type
High speed switching
Application
Packaging Specifications
High speed switching
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
8000
Epitaxial planar
Taping Code
T2R
Marking
N11
Absolute Maximum Ratings (Ta = 25ºC)
Parameter
Symbol
Conditions
Limits
Unit
Reverse voltage
VR
-
80
V
Repetitive peak reverse voltage
VRM
-
80
V
Average rectified forward current
Io
-
100
mA
Forward current
IFM
-
300
mA
Peak forward surge current
IFSM
t=1μs
4000
mA
Power dissipation
*
     
PD
-
150
mW
Junction temperature
Tj
-
150
Storage temperature
Tstg
-
-55 150
* 4 elements total
Characteristics (Ta = 25ºC)
  
Value per element
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=100mA
-
-
1.2
V
Reverse current
IR
VR=70V
-
-
0.1
μA
Capacitance between terminals
Ct
VR=6.0V f=1.0MHz
-
-
3.5
pF
Reverse recovery time
trr
VR=6.0V IF=5.0mA RL=50Ω
-
-
4.0
ns
Cautionstatic electricity
                                                                                         
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/4
 
2016/03/17_Rev.001


Similar Part No. - EMN11FH

ManufacturerPart #DatasheetDescription
logo
Rohm
EMN11 ROHM-EMN11 Datasheet
484Kb / 3P
   Switching diode
EMN11 ROHM-EMN11 Datasheet
145Kb / 3P
   Switching diode
EMN11 ROHM-EMN11 Datasheet
999Kb / 3P
   Switching Diode
EMN11 ROHM-EMN11 Datasheet
1Mb / 8P
   Switching Diode
EMN11 ROHM-EMN11_1 Datasheet
145Kb / 3P
   Switching diode
More results

Similar Description - EMN11FH

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com