Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4701QRGWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4701QRGWRQ1
Description  35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4701QRGWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A4701QRGWRQ1 Datasheet HTML 1Page - Texas Instruments TPS7A4701QRGWRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A4701QRGWRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A4701QRGWRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A4701QRGWRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A4701QRGWRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A4701QRGWRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A4701QRGWRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A4701QRGWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
OUT
15
IN
2
NC
14
NR
3
SENSE/FB
13
EN
4
6P4V2
12
0P1V
5
6P4V1
11
0P2V
Not to scale
PowerPAD
3
TPS7A47-Q1
www.ti.com
SBVS118 – AUGUST 2017
Product Folder Links: TPS7A47-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RGW Package
5-mm × 5-mm, 20-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
0P1V
12
I
When connected to GND, this pin adds 0.1 V to the nominal output voltage of the regulator.
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
0P2V
11
I
When connected to GND, this pin adds 0.2 V to the nominal output voltage of the regulator.
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
0P4V
10
I
When connected to GND, this pin adds 0.4 V to the nominal output voltage of the regulator.
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
0P8V
9
I
When connected to GND, this pin adds 0.8 V to the nominal output voltage of the regulator.
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
1P6V
8
I
When connected to GND, this pin adds 1.6 V to the nominal output voltage of the regulator.
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
3P2V
6
I
When connected to GND, this pin adds 3.2 V to the nominal output voltage of the regulator.
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
6P4V1
5
I
When connected to GND, this pin adds 6.4 V to the nominal output voltage of the regulator.
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
6P4V2
4
I
When connected to GND, this pin adds 6.4 V to the nominal output voltage of the regulator.
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
EN
13
I
Enable pin. The device is enabled when the voltage on this pin exceeds the maximum
enable voltage, VEN(HI). If enable is not required, tie EN to IN.
GND
7
Ground
IN
15, 16
I
Input supply. A capacitor greater than or equal to 1 µF must be tied from this pin to ground to
assure stability.
A 10-µF capacitor is recommended to be connected from IN to GND (as close to the device
as possible) to reduce circuit sensitivity to printed circuit board (PCB) layout, especially when
long input traces or high source impedances are encountered.
NC
2, 17-19
This pin can be left open or tied to any voltage between GND and IN.
NR
14
Noise-reduction pin. When a capacitor is connected from this pin to GND, RMS noise can be
reduced to very low levels. A capacitor greater than or equal to 10 nF must be tied from this
pin to ground to assure stability. A 1-µF capacitor is recommended to be connected from NR
to GND (as close to the device as possible) to maximize ac performance and minimize noise.


Similar Part No. - TPS7A4701QRGWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4701 TI1-TPS7A4701 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701MRGWREP TI1-TPS7A4701MRGWREP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701RGWR TI1-TPS7A4701RGWR Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4701RGWT TI1-TPS7A4701RGWT Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4701QRGWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A88-Q1 TI1-TPS7A88-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Automotive, Dual, 1-A, Low-Noise (4 uVRMS) LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
[Old version datasheet]   4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A83A TI1-TPS7A83A_18 Datasheet
3Mb / 49P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com