Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRG10N120D Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRG10N120D
Description  Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRG10N120D Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRG10N120D Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRG10N120D Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRG10N120D Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRG10N120D Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRG10N120D Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRG10N120D Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BRG10N120D
Rev.D Oct.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector-emitter voltage
VCES
1200
V
Gate-emitter voltage
VGES
±20
V
Collector current@TC=25℃
IC
20
A
Collector current@TC=100℃
10
A
Collector peak current,
TP limited by TJMAX
ICM
302
A
Diode forward current
IF
303
A
Diode forward current@TC=100℃
15
A
Diode maximum forward current
IFM
452
A
Power dissipation(TC=25℃)
PD
208
W
Power dissipation(Tc=100℃)
83
W
Operating junction and storage temperature
range
TJ, Tstg
-55~150
IGBT thermal resistance,junction-case
Rth(j-c)
0.6
/W
Diode thermal resistance,junction-case
Rth(j-CD)
2.0
/W
Thermal resistance,junction-ambient
Rth(j-a)
40
/W
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector-emitter breakdown
voltage
VCES
VGE=0V
IC=0.5uA
1200
-
-
V
Zero gate voltage Collector
current
ICES
VGE=0V
VCE=1200V
-
-
0.1
mA
Gate-body leakage current
IGES
VGE=20V
VCE=0V
-
-
100
nA
Gate threshold voltage
VGE(th)
IC=0.4mA
VCE=VGE
5.2
5.8
6.5
V
Collector-emitter saturation
voltage
VCE(sat)
IC=10A
VGE=15V
-
2.4
-
V
Input capacitance
Cies
VCE=25V
VGE=0V
f=1MHz
-
1681
-
pF
Output capacitance
Coes
-
56.8
-
Reverse transfer capacitance
Cres
-
27.4
-
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BRG10N120D

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRG15N120D FOSHAN-BRG15N120D Datasheet
1Mb / 9P
   Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
More results

Similar Description - BRG10N120D

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRG25N120D FOSHAN-BRG25N120D Datasheet
769Kb / 6P
   Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
BRG15N120D FOSHAN-BRG15N120D Datasheet
1Mb / 9P
   Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
BRG60N65D FOSHAN-BRG60N65D Datasheet
1Mb / 10P
   Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
BRG20N120D FOSHAN-BRG20N120D Datasheet
769Kb / 6P
   Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
logo
List of Unclassifed Man...
OM6517SA ETC2-OM6517SA Datasheet
27Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR (IGBT) IN A HERMETIC TO-254AA PACKAGE
OM6501ST ETC2-OM6501ST Datasheet
22Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR (IGBT) IN A HERMETIC TO-257AA PACKAGE
logo
Foshan Blue Rocket Elec...
2SB817 FOSHAN-2SB817 Datasheet
1Mb / 7P
   Silicon PNP transistor in a TO-3P Plastic Package.
BU508A FOSHAN-BU508A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-3P Plastic Package.
MJE13009X9 FOSHAN-MJE13009X9 Datasheet
880Kb / 6P
   Silicon NPN Transistor in a TO-3P Plastic Package
2SD2625V9 FOSHAN-2SD2625V9 Datasheet
879Kb / 6P
   Silicon NPN Transistor in a TO-3P Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com