Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZC20EK781Y Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ERZC20EK781Y
Description  ZNR Transient/Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZC20EK781Y Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ERZC20EK781Y Datasheet HTML 1Page - Panasonic Semiconductor ERZC20EK781Y Datasheet HTML 2Page - Panasonic Semiconductor ERZC20EK781Y Datasheet HTML 3Page - Panasonic Semiconductor ERZC20EK781Y Datasheet HTML 4Page - Panasonic Semiconductor ERZC20EK781Y Datasheet HTML 5Page - Panasonic Semiconductor ERZC20EK781Y Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type E)
Characteristics
Test Methods/Description
Specifications
Standard Test
Condition
Electrical characteristics shall be measured at following conditions
(Temperature: 5 to 35 °C,Humidity: Max. 85 %)
———
Varistor Voltage
The voltage between two terminals with the specified measuring
current CmA DC applied is called Vc or VCmA. The measurement shall
be made as fast as possible to avoid heat affection.
To meet the
specified value.
Maximum Allowable
Voltage
The maximum sinusoidal wave voltage (rms) or the maximum DC
voltage that can be applied continuously.
Clamping Voltage
The maximum voltage between two terminals with the specified
standard impulse current (8/20 μs).
Rated Power
The maximum power that can be applied within the specified
ambient temperature.
Energy
The maximum energy within the varistor voltage change of ±10 %
when one impulse of 2 ms is applied.
Maximum
Peak Current
2 times
The maximum current within the varistor voltage change of ±10 %
with the standard impulse current (8/20 μs) applied two times with
an interval of 5 minutes.
1 time
The maximum current within the varistor voltage change of ±10 %
with the standard impulse current (8/20 μs) applied one time.
Temperature Coefficient
of Varistor Voltage
VC at 70 °C – VC at 20 °C × 1 × 100 (%/°C)
VC at 20 °C
50
0 to –0.05 %/°C max.
Impulse Life
The change of Vc shall be measured after the impulse listed
below is applied 10000 times continuously with the interval of ten
seconds at room temperature.
20 Series
200 A (8/20 μs)
32 Series
300 A (8/20 μs)
ΔV1 mA/V1 mA
< ±10 %
Withstanding Voltage
(Body Insulation)
The commercial frequency voltage of AC 2.5 kV shall be applied
between terminals and the bottom of the unit for one minute.
No remarkable
damage
Robustness of
Terminations
(Tensile)
After gradually applying the load of 49 N (5 kgf) and keeping the
unit fixed for 10 seconds in an axial direction, the terminal shall
be visually examined for any damage.
No remarkable
damage
Vibration
After repeadly applying a single harmonic vibration (amplitude:
0.75 mm): double amplitude: 1.5 mm with 1 minute vibration
frequency cycles (10 Hz to 55 Hz to 10 Hz) to each of three
perpendicular directions for 2 hours.
Thereafter, the damage of
the terminals is visually examined.
Dry Heat/ High
Temperature
Storage
The specimen shall be subjected to 110±3 °C for 500 hours
in a thermostatic bath without load and then stored at room
temperature and humidity for one to two hours.
Thereafter, the
change of Vc shall be measured.
Step
Temperature (°C)
Period (minutes)
1–25–3
30
+3
2
Room Temp.
3 max.
385
+3
30
+3
4
Room Temp.
3 max.
ΔV1 mA/V1 mA
< ±5 %
Temperature Cycle
The temperature cycle shown below shall be repeated five
times and then stored at room temperature and humidity for
one to two hours.
The change of Vc and mechanical damage
shall be examined.
No remarkable
damage
ΔV1 mA/V1 mA
< ±5 %
Dry Heat Load/
High Temperature
Load
After being continuously applied the Maximum Allowable Voltage
at 85±5 °C for 500 hours, the specimen shall be stored at room
temperature and humidity for one to two hours.
Thereafter, the
change of Vc shall be measured.
ΔV1 mA/V1 mA
< ±10 %
Damp Heat/Humidity
(Steady State)
The specimen shall be subjected to 40±2 °C, 90 to 95 %RH for
1000 hours without load and then stored at room temperature
and humidity for one to two hours. Thereafter, the change of Vc
shall be measured.
ΔV1 mA/V1 mA
< ±5 %
0
0
0
0
Performance Characteristicsv (Type E)
Mar. 2017
03


Similar Part No. - ERZC20EK781Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZCF1MK101 PANASONIC-ERZCF1MK101 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK121 PANASONIC-ERZCF1MK121 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK151 PANASONIC-ERZCF1MK151 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK201 PANASONIC-ERZCF1MK201 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK220 PANASONIC-ERZCF1MK220 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
More results

Similar Description - ERZC20EK781Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com