Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZC32EK511Y Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERZC32EK511Y
Description  ZNR Transient/Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZC32EK511Y Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERZC32EK511Y Datasheet HTML 1Page - Panasonic Semiconductor ERZC32EK511Y Datasheet HTML 2Page - Panasonic Semiconductor ERZC32EK511Y Datasheet HTML 3Page - Panasonic Semiconductor ERZC32EK511Y Datasheet HTML 4Page - Panasonic Semiconductor ERZC32EK511Y Datasheet HTML 5Page - Panasonic Semiconductor ERZC32EK511Y Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type E)
2000
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
10-6
10-5
10-4
10-3
10-2
10-1
100
101
102
103
104
105
ERZC32EK51
1(Y)
ERZC32EK471(Y)
ERZC32EK431(Y)
ERZC32EK391(Y)
ERZC32EK361(Y)
ERZC32EK271(Y)
ERZC32EK241(Y)
ERZC32EK20
1(Y)
ERZC32EK511(Y)
ERZC32EK471(Y)
ERZC32EK431(Y)
ERZC32EK391(Y)
ERZC32EK361(Y)
ERZC32EK271(Y)
ERZC32EK241(Y)
ERZC32EK201(Y)
Current (A)
Test Current Waveform
10-6 to 10-3 A: Direct Current
10-1 to 104 A: 8/20 μs
Max. Clamping Voltage
Max. Leakage Current
4000
3000
2000
1000
900
800
700
600
500
400
300
200
10-6
10-5
10-4
10-3
10-2
10-1
100
101
102
103
104
105
ERZC32EK1
12(Y)
ERZC32EK1
02(Y)
ERZC32EK91
1(Y)
ERZC32EK821(Y)
ERZC32EK781(Y)
ERZC32EK751(Y)
ERZC32EK681(Y)
ERZC32EK621(Y)
ERZC32EK112(Y)
ERZC32EK102(Y)
ERZC32EK911(Y)
ERZC32EK821(Y)
ERZC32EK781(Y)
ERZC32EK751(Y)
ERZC32EK681(Y)
ERZC32EK621(Y)
Current (A)
Max. Clamping Voltage
Max. Leakage Current
Test Current Waveform
10-6 to 10-3 A: Direct Current
10-1 to 104 A: 8/20 μs
20
100
1000
1 Time
2 Times
10
Times
10
2Times
10
3Times
10 4
Times
10 5
Times
10 6
Times
10000
20000
10000
8000
6000
4000
2000
1000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
Impulse Width (μs)
5 minutes
2 minutes
10 seconds
2 times :
to 10 times :
to 10
6 times :
Impulse Width (μs)
20
100
1000
1 Time
2 Times
10
Times
10
2Times
10
3Times
10 4
Times
10 5
Times
10 6
Times
10000
20000
10000
8000
6000
4000
2000
1000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
5 minutes
2 minutes
10 seconds
2 times :
to 10 times :
to 10
6 times :
20
100
1000
2 Times
10
Times
10
2
Times
10
3Times
10 4
Times
10 5
Times
10 6
Times
10000
20000
10000
8000
6000
4000
2000
1000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
Impulse Width (μs)
5 minutes
2 minutes
10 seconds
2 times :
to 10 times :
to 10
6 times :
Voltage vs. Current
(ERZC32EK201(Y) to ERZC32EK511(Y))
(ERZC32EK621(Y) to ERZC32EK112(Y))
32 Series
(ERZC32EK751(Y) to ERZC32EK112(Y))
32 Series
(ERZC32EK361(Y) to ERZC32EK681(Y))
32 Series
(ERZC32EK201(Y) to ERZC32EK271(Y))
Typical Characteristics(Type E)
Impulse Derating Curve (Relation between impulse width and surge, repetitively)
Mar. 2017
03


Similar Part No. - ERZC32EK511Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZCF1MK101 PANASONIC-ERZCF1MK101 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK121 PANASONIC-ERZCF1MK121 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK151 PANASONIC-ERZCF1MK151 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK201 PANASONIC-ERZCF1MK201 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK220 PANASONIC-ERZCF1MK220 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
More results

Similar Description - ERZC32EK511Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com