Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZC20EK781 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERZC20EK781
Description  ZNR Transient/Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZC20EK781 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERZC20EK781 Datasheet HTML 1Page - Panasonic Semiconductor ERZC20EK781 Datasheet HTML 2Page - Panasonic Semiconductor ERZC20EK781 Datasheet HTML 3Page - Panasonic Semiconductor ERZC20EK781 Datasheet HTML 4Page - Panasonic Semiconductor ERZC20EK781 Datasheet HTML 5Page - Panasonic Semiconductor ERZC20EK781 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type E)
Operating Temperature Range : –40 to 85 °C
Storage Temperature Range : –40 to 110 °C
Operating Temperature Range : –40 to 85 °C
Storage Temperature Range : –40 to 110 °C
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Rated
Power
Energy
(2 ms)
Maximum
Peak Current
(8/20 μs)
Typical
Capacitance
(Reference)
1 time 2 times
V1 mA (V)
ACrms (V) DC (V)
V100 A (V)
(W)
(J)
(A)
(A)
at 1kHz (pF)
ERZC20EK201
200 (185 to 225)
130
170
340
0.8
80
8000
5000
2300
ERZC20EK241
240 (216 to 264)
150
200
395
0.8
95
8000
5000
1500
ERZC20EK271
270 (247 to 303)
175
225
455
0.8
100
8000
5000
1400
ERZC20EK361
360 (324 to 396)
230
300
595
0.8
120
8000
5000
1300
ERZC20EK391
390 (351 to 429)
250
320
650
0.8
130
8000
5000
1200
ERZC20EK431
430 (387 to 473)
275
350
710
0.8
140
8000
5000
1000
ERZC20EK471
470 (423 to 517)
300
385
775
0.8
150
8000
5000
950
ERZC20EK511
510 (459 to 561)
320
415
845
0.8
150
8000
5000
930
ERZC20EK621
620 (558 to 682)
385
505
1025
0.8
160
8000
5000
900
ERZC20EK681
680 (612 to 748)
420
560
1120
0.8
175
8000
5000
850
ERZC20EK751
750 (675 to 825)
460
615
1240
0.8
190
8000
5000
800
ERZC20EK781
780 (702 to 858)
485
640
1290
0.8
200
8000
5000
800
ERZC20EK821
820 (738 to 902)
510
670
1355
0.8
215
8000
5000
700
ERZC20EK911
910 (819 to 1001)
550
745
1500
0.8
240
8000
5000
700
ERZC20EK102 1000 (900 to 1100)
625
825
1650
0.8
245
8000
5000
400
ERZC20EK112 1100 (990 to 1210)
680
895
1815
0.8
250
8000
5000
350
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Rated
Power
Energy
(2 ms)
Maximum
Peak Current
(8/20 μs)
Typical
Capacitance
(Reference)
1 time 2 times
V1 mA (V)
ACrms (V) DC (V)
V200 A (V)
(W)
(J)
(A)
(A)
at 1kHz (pF)
ERZC32EK201
200 (185 to 225)
130
170
340
1.2
210
25000
20000
5500
ERZC32EK241
240 (216 to 264)
150
200
395
1.2
240
25000
20000
5000
ERZC32EK271
270 (247 to 303)
175
225
455
1.2
255
25000
20000
4200
ERZC32EK361
360 (324 to 396)
230
300
595
1.2
325
25000
20000
3500
ERZC32EK391
390 (351 to 429)
250
320
650
1.2
350
25000
20000
3000
ERZC32EK431
430 (387 to 473)
275
350
710
1.2
400
25000
20000
2500
ERZC32EK471
470 (423 to 517)
300
385
775
1.2
405
25000
20000
2500
ERZC32EK511
510 (459 to 561)
320
415
845
1.2
405
25000
20000
2400
ERZC32EK621
620 (558 to 682)
385
505
1025
1.2
415
25000
20000
2200
ERZC32EK681
680 (612 to 748)
420
560
1120
1.2
450
25000
20000
2100
ERZC32EK751
750 (675 to 825)
460
615
1240
1.2
500
25000
20000
2000
ERZC32EK781
780 (702 to 858)
485
640
1290
1.2
520
25000
20000
1900
ERZC32EK821
820 (738 to 902)
510
670
1355
1.2
545
25000
20000
1800
ERZC32EK911
910 (819 to 1001)
550
745
1500
1.2
600
25000
20000
1700
ERZC32EK102 1000 (900 to 1100)
625
825
1650
1.2
620
25000
20000
1000
ERZC32EK112 1100 (990 to 1210)
680
895
1815
1.2
640
25000
20000
800
20 Series
32 Series
Ratings and Characteristics(ERZC20EK)
Ratings and Characteristics(ERZC32EK)
Mar. 2017
03


Similar Part No. - ERZC20EK781

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZCF1MK101 PANASONIC-ERZCF1MK101 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK121 PANASONIC-ERZCF1MK121 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK151 PANASONIC-ERZCF1MK151 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK201 PANASONIC-ERZCF1MK201 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK220 PANASONIC-ERZCF1MK220 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
More results

Similar Description - ERZC20EK781

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com