Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZC32EK201 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERZC32EK201
Description  ZNR Transient/Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZC32EK201 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERZC32EK201 Datasheet HTML 1Page - Panasonic Semiconductor ERZC32EK201 Datasheet HTML 2Page - Panasonic Semiconductor ERZC32EK201 Datasheet HTML 3Page - Panasonic Semiconductor ERZC32EK201 Datasheet HTML 4Page - Panasonic Semiconductor ERZC32EK201 Datasheet HTML 5Page - Panasonic Semiconductor ERZC32EK201 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type E)
Operating Temperature Range : –40 to 85 °C
Storage Temperature Range : –40 to 110 °C
Operating Temperature Range : –40 to 85 °C
Storage Temperature Range : –40 to 110 °C
20 Series (UL and CSA Recognized)
32 Series (UL and CSA Recognized)
Ratings and Characteristics(ERZC20EK)
Ratings and Characteristics(ERZC32EK)
Part No.
(UL/CSA
Recognized)
Type
Designation
Varistor
Voltage
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Energy
(2 ms)
Maximum
Peak Current
(8/20 μs)
Rated
Voltage
(UL/CSA)
1 time
1 time
V1 mA (V)
ACrms (V) DC (V)
V100 A (V)
(J)
(A)
ACrms (V)
ERZC20EK201Y
20EK201U
200 (185 to 225)
130
170
340
80
8000
118
ERZC20EK241Y 20EK241U
240 (216 to 264)
150
200
395
95
8000
136
ERZC20EK271Y 20EK271U
270 (247 to 303)
175
225
455
100
8000
159
ERZC20EK361Y 20EK361U
360 (324 to 396)
230
300
595
120
8000
209
ERZC20EK391Y 20EK391U
390 (351 to 429)
250
320
650
130
8000
227
ERZC20EK431Y 20EK431U
430 (387 to 473)
275
350
710
140
8000
250
ERZC20EK471Y 20EK471U
470 (423 to 517)
300
385
775
150
8000
272
ERZC20EK511Y
20EK511U
510 (459 to 561)
320
415
845
150
8000
291
ERZC20EK621Y 20EK621U
620 (558 to 682)
385
505
1025
160
8000
350
ERZC20EK681Y 20EK681U
680 (612 to 748)
420
560
1120
175
8000
381
ERZC20EK751Y 20EK751U
750 (675 to 825)
460
615
1240
190
8000
418
ERZC20EK781Y 20EK781U
780 (702 to 858)
485
640
1290
200
8000
440
ERZC20EK821Y 20EK821U
820 (738 to 902)
510
670
1355
215
8000
463
ERZC20EK911Y
20EK911U
910 (819 to 1001)
550
745
1500
240
8000
500
ERZC20EK102Y 20EK102U
1000 (900 to 1100)
625
825
1650
245
8000
568
ERZC20EK112Y
20EK112U
1100 (990 to 1210)
680
895
1815
250
8000
600
Part No.
(UL/CSA
Recognized)
Type
Designation
Varistor
Voltage
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Energy
(2 ms)
Maximum
Peak Current
(8/20 μs)
Rated
Voltage
(UL/CSA)
1 time
1 time
V1 mA (V)
ACrms (V) DC (V)
V100 A (V)
(J)
(A)
ACrms (V)
ERZC32EK201Y
32EK201U
200 (185 to 225)
130
170
340
210
25000
118
ERZC32EK241Y 32EK241U
240 (216 to 264)
150
200
395
240
25000
136
ERZC32EK271Y 32EK271U
270 (247 to 303)
175
225
455
255
25000
159
ERZC32EK361Y 32EK361U
360 (324 to 396)
230
300
595
325
25000
209
ERZC32EK391Y 32EK391U
390 (351 to 429)
250
320
650
350
25000
227
ERZC32EK431Y 32EK431U
430 (387 to 473)
275
350
710
400
25000
250
ERZC32EK471Y 32EK471U
470 (423 to 517)
300
385
775
405
25000
272
ERZC32EK511Y
32EK511U
510 (459 to 561)
320
415
845
405
25000
291
ERZC32EK621Y 32EK621U
620 (558 to 682)
385
505
1025
415
25000
350
ERZC32EK681Y 32EK681U
680 (612 to 748)
420
560
1120
450
25000
381
ERZC32EK751Y 32EK751U
750 (675 to 825)
460
615
1240
500
25000
418
ERZC32EK781Y 32EK781U
780 (702 to 858)
485
640
1290
520
25000
440
ERZC32EK821Y 32EK821U
820 (738 to 902)
510
670
1355
545
25000
463
ERZC32EK911Y
32EK911U
910 (819 to 1001)
550
745
1500
600
25000
500
ERZC32EK102Y 32EK102U
1000 (900 to 1100)
625
825
1650
620
25000
568
ERZC32EK112Y
32EK112U
1100 (990 to 1210)
680
895
1815
640
25000
600
Mar. 2017
03


Similar Part No. - ERZC32EK201

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZCF1MK101 PANASONIC-ERZCF1MK101 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK121 PANASONIC-ERZCF1MK121 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK151 PANASONIC-ERZCF1MK151 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK201 PANASONIC-ERZCF1MK201 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK220 PANASONIC-ERZCF1MK220 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
More results

Similar Description - ERZC32EK201

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com