Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8120AH Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8120AH
Description  White LED Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8120AH Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8120AH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SM8120A
NIPPON PRECISION CIRCUITS INC.—7
BRIGHTNESS ADJUSTMENT
Brightness Adjustment using FB Pin
The LED brightness can be adjusted using an input DC control voltage connected through resistor R3 to the FB
pin. Alternatively, the brightness can be controlled by a PWM signal by adding a low-pass filter comprising
resistor R4 and capacitor C1. The PWM signal frequency range is determined by the low-pass filter coeffi-
cients. For example, the recommended values for resistor R4 (50k
Ω) and capacitor C1 (0.1µF) provide a PWM
signal frequency range of 1kHz to 1MHz.
Brightness adjustment using FB pin (DC voltage input)
When the brightness is controlled by DC voltage (VDC) connected to resistor R3, the LED current (ILED) is
given by equation 1.
If the values R1 = 30
Ω, R2 = 20kΩ, R3 = 100kΩ, VFB = 0.5V, and VDC = 0V are inserted in equation 1, the
LED current ILED = 20mA, as shown in equation 2.
If the values R1 = 30
Ω, R2 = 20kΩ, R3 = 100kΩ, VFB = 0.5V, and VDC = 3V are inserted in equation 1, the
LED current ILED = 0mA, as shown in equation 3.
Taking the above diagram as an example, inserting the values R1 = 30
Ω, R2 = 20kΩ, R3 = 100kΩ, VFB = 0.5V,
and VDC = 0 to 3V into equation 1 gives the maximum LED current ILED of 20mA when VDC = 0V (equation
2) and the minimum LED current ILED of 0mA when VDC = 3V (equation 3).
Brightness adjustment circuit using FB pin
(DC voltage input)
SW
VSS
FB
R1
30
SBD
DC Voltage
0 to 3V
R3
100k
R2
20k
VDD
CE
COUT
1.0
µF
L
22
µH
CIN
4.7
µF
VIN
3.6V
LED
DC voltage vs. LED current
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
DC voltage [V]
R1
R2
× (VDC − VFB)
R3
ILED =
VFB
... (1)
20,000
× (0 − 0.5)
100,000
30
30
ILED ==
=
0.5
0.6
20mA
... (2)
20,000
× (3 − 0.5)
100,000
30
30
ILED ==
=
0.5
0
0mA
... (3)


Similar Part No. - SM8120AH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8121AD NPC-SM8121AD Datasheet
372Kb / 19P
   White LED Driver IC
SM8121AH NPC-SM8121AH Datasheet
372Kb / 19P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8122AD NPC-SM8122AD Datasheet
162Kb / 13P
   White LED Driver IC
More results

Similar Description - SM8120AH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com