Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2AF Datasheet(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # S2AF
Description  Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V,Forward Current:2.0A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

S2AF Datasheet(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  S2AF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S2AF~S2MF
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions


Similar Part No. - S2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2AF ETC2-S2AF Datasheet
525Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Nanjing International G...
S2AF DGNJDZ-S2AF Datasheet
162Kb / 2P
   2.0 AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Guangdong Kexin Industr...
S2AF KEXIN-S2AF Datasheet
1Mb / 3P
   Rectifier Diodes
logo
Nantong Hornby Electron...
S2AF HORNBY-S2AF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Microdiode Electronics ...
S2AF CHENDA-S2AF Datasheet
626Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - S2AF

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
US2AF FOSHAN-US2AF Datasheet
825Kb / 6P
   Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V
US1AF FOSHAN-US1AF Datasheet
830Kb / 6P
   Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V
S3AF FOSHAN-S3AF Datasheet
862Kb / 6P
   Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
logo
AiT Semiconductor Inc.
PMEG3020ER AITSEMI-PMEG3020ER Datasheet
422Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
US1AA AITSEMI-US1AA Datasheet
238Kb / 5P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
US1AW AITSEMI-US1AW Datasheet
552Kb / 6P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
logo
Rectron Semiconductor
ES1AW RECTRON-ES1AW Datasheet
598Kb / 6P
   Surface Mount Superfast Recovery Rectifier Reverse Voltage-50 to 600V Forward Current-1A
logo
Leshan Radio Company
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF207T LRC-FFMAF207T Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
GOOD-ARK Electronics
FF1 GOOD-ARK-FF1_15 Datasheet
214Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com