Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T90-2700XBINEXXHB Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # T90-2700XBINEXXHB
Description  TCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

T90-2700XBINEXXHB Datasheet(HTML) 1 Page - Advanced Crystal Technology

  T90-2700XBINEXXHB Datasheet HTML 1Page - Advanced Crystal Technology T90-2700XBINEXXHB Datasheet HTML 2Page - Advanced Crystal Technology T90-2700XBINEXXHB Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
● Stability:
±0.14, ±0.28ppm
● Accuracy:
±0.5ppm
● Operating Current
2 ~ 4 mA max
Characteristics
Frequency Range (MHz)
10 ~ 40
Supply voltage ±5% Vcc (V
DC)
3.3
Operating temperature Top (°C
Table 1
Operating Current (mA max)
2 ~ 4
Stabilty v T op (ppm)
Table 1
Stabilty v Vcc(ppm)
±0.1 max (5%)
Stabilty v Load (ppm)
±0.1 max (10%)
Stabilty v Vibration (ppm)
±1.0 max (Sine 10~50Hz, 0.75mm, 1.5hr XY&Z)
Stabilty v Shock (ppm)
±1.0 max (100g
1/
2 sine x3 x6 directions)
Aging @25°C (ppm)
±0.5/yr, ±2.5/10 yr
Tolerance @ 25°C (ppm)
±0.5
at shipment
Load ±10%
HCMOS 15pF
Output voltage (V)
VOL: 10%Vcc max, VOH: 90%Vcc min
Duty Cycle (%)
45/55
Phase Noise (dBc/Hz)
12.8MHz
20MHz
Typical plots: Page 2
10Hz
100Hz
1kHz
10kHz
100kHz
Rating
Storage
-55~+125°C, 10~90%RH, 70~100kPa Air pressure
Notes:
ESD sensitive, take appropriate precautions.
Stratum III
Enquire if the frequency required has been developed.
Issue No.
Date:
Please note that all parameters can not necessarily be specified in the same device.
ACT SMPT-6 Stratum III HCMOS TCXO
-115
-135
-150
-150
-90
-80
-110
-130
-150
To specify: Please refer to part numbering system appended to the end of this data
4 T3
08/10/2013
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
For quotations or further information please contact us at:
ISO9001 Registered
-150
Table 1
Temp'
±0.14
±0.28
-10 +60°C
-20 +70°C
-40 +85°C


Similar Part No. - T90-2700XBINEXXHB

ManufacturerPart #DatasheetDescription
logo
EPCOS
T90-A170XFSMD EPCOS-T90-A170XFSMD Datasheet
100Kb / 2P
   SURGE ARRESTER 2-electrode arrester
T90-A230X EPCOS-T90-A230X Datasheet
21Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T90-A230XF EPCOS-T90-A230XF Datasheet
24Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T90-A230XFSMD EPCOS-T90-A230XFSMD Datasheet
94Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T90-A230XG EPCOS-T90-A230XG Datasheet
21Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T90-2700XBINEXXHB

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
IQD Frequency Products ...
LFTCXO075801 IQD-LFTCXO075801 Datasheet
145Kb / 2P
   TCXO
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
   TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
   TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com