Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM65MLVD207D Datasheet(PDF) 2 Page - Texas Instruments

Part # SM65MLVD207D
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD207D Datasheet(HTML) 2 Page - Texas Instruments

  SM65MLVD207D Datasheet HTML 1Page - Texas Instruments SM65MLVD207D Datasheet HTML 2Page - Texas Instruments SM65MLVD207D Datasheet HTML 3Page - Texas Instruments SM65MLVD207D Datasheet HTML 4Page - Texas Instruments SM65MLVD207D Datasheet HTML 5Page - Texas Instruments SM65MLVD207D Datasheet HTML 6Page - Texas Instruments SM65MLVD207D Datasheet HTML 7Page - Texas Instruments SM65MLVD207D Datasheet HTML 8Page - Texas Instruments SM65MLVD207D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558A – DECEMBER 2002 – JUNE 2003
www.ti.com
2
Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
FOOTPRINT
RECEIVER TYPE
PACKAGE MARKING
SN65MLVD201D
SN75176
Type 1
MF201
SM65MLVD203D
SN75ALS180
Type 1
MLVD203
SN65MLVD206D
SN75176
Type 2
MF206
SM65MLVD207D
SN75ALS180
Type 2
MLVD207
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
D(8)
725 mW
5.8 mW/
_C
377 mW
D(14)
950 mW
7.6 mW/
_C
494 mw
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
SN65MLVD201, 203, 206, AND
207
Supply voltage range(2), VCC
–0.5 V to 4 V
D, DE, RE
–0.5 V to 4 V
Input voltage range
A, B (201, 206)
–1.8 V to 4 V
In ut voltage range
A, B (203, 207)
–4 V to 6 V
Ot
t
lt
R
–0.3 V to 4 V
Output voltage range
Y, Z, A, or B
–1.8 V to 4 V
H
B d Mdl(3)
A, B, Y, and Z
±8 kV
Electrostatic discharge
Human Body Model(3)
All pins
±2 kV
Electrostatic discharge
Charged-DeviceModel(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
–65
°C to 150°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied.Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114–A.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
GND
0.8
V
Voltage at any bus terminal VA, VB, VY or VZ
–1.4
3.8
V
Magnitude of differential input voltage,
VID
0.05
VCC
V
Operating free-air temperature, TA
–40
85
°C


Similar Part No. - SM65MLVD207D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM65MLVD207D TI-SM65MLVD207D Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SM65MLVD207D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com