Selected language     English  ▼


HLG-480H-C Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part No. HLG-480H-C
Description  480W Constant Current Mode LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

 
 7 page
background image
70
75
80
85
90
95
100
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277VAC
230VAC
115VAC
0
5
10
15
20
25
30
35
40
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277VAC
230VAC
115VAC
0.5
0.6
0.7
0.8
0.9
1.0
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277VAC
230VAC
115VAC
480W
Constant Current Mode LED Driver
HLG-480H-C series
File Name:HLG-480H-C-SPEC 2017-01-17
(HORIZONTAL)
-40
-25
0
204555657590
20
40
60
80
100
Tcase (
)
POWER FACTOR(PF) CHARACTERISTIC
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTICS
AMBIENT TEMPERATURE,Ta (
)
-40
-25
-10
0
15
30
50
60 65 70
20
40
60
80
100
(HORIZONTAL)
Above 230VAC
1VAC
10
90
110
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
INPUT VOLTAGE (V) 60Hz
Tcase at 75℃
EFFICIENCY vs LOAD
HLG-480H-C series possess superior working efficiency that up to 95%
can be reached in field applications.
TOTAL HARMONIC DISTORTION (THD)
※ 1400mA Model, Tcase at 75
※ 1400mA Model, Tcase at 75
(480W)
LOAD
LOAD
LOAD




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl