Selected language     English  ▼


HLG-480H-C Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. HLG-480H-C
Description  480W Constant Current Mode LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

 
 1 page
background image
480W
Constant Current Mode LED Driver
HLG-480H-C series
■ Model Encoding
■ Description
Constant Current mode output
Metal housing with Class design
Built-in active PFC function
Environment-adaptive driving capability
IP67 / IP65 design for indoor or outdoor installations
Function options: output adjustable via potentiometer;
3 in 1 dimming (dim-to-off,isolated design); Smart timer
dimming; Low temperature light-on; Junction box
Typical lifetime>62000 hours (Note.7)
7 years warranty
LED Harbour
LED greenhouse lighting
LED statium lighting
LED mining lighting
Type “HL” for use in Class
Division 2
Ⅰ,
hazardous(Classified) location
■ Features
■ Applications
File Name:HLG-480H-C-SPEC 2017-01-17
Type
A
B
Dx
Built-in Smart timer dimming function by user request. And environment adaptiveness.
Function
IP Level
IP65
IP67
IP67
D2
Built-in Smart timer dimming and programmable function. And environment adaptiveness.
IP67
Note
In Stock
By request
In Stock
In Stock
- C1400
HLG - 480H
A
Rated output
current(1400/1750/2100/2800/3500mA)
Rated
wattage
High input voltage up to 305VAC
Series name
Function options
Io adjustable through built-in potentiometer. And environment adaptiveness.
3 in 1 dimming function (0~10Vdc, 10V PWM signal and resistance) and environment adaptiveness.
HLG-480H-C series is a 480W LED AC/DC driver featuring the constant current mode and high
voltage output. HLG-480H-C operates from 90 305VAC and offers models with different rated current
~
ranging between 1400mA and 3500mA. Thanks to the high efficiency up to 95%, with the fanless
design, the entire series is able to operate for -40
~ +90
case temperature under free air
℃℃
convection. The design of metal housing and P67/IP65 ingress protection level allows this series to fit
I
both indoor and outdoor applications. Moreover, the innovative environment-adaptive capability
allows this series to reliably light on the LEDs for all kinds of application environments in almost any
spots that may install LED luminaires in the world.
HLG-480H-C is equipped with various function
options, such as dimming methodologies, so as to provide the optimal design flexibility for LED
lighting system.
F
110
IP65 IP67
Type HL




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl