Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVG-480-30A Datasheet(PDF) 9 Page - Mean Well Enterprises Co., Ltd.

Part # HVG-480-30A
Description  480W Constant Voltage Constant Current LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HVG-480-30A Datasheet(HTML) 9 Page - Mean Well Enterprises Co., Ltd.

  HVG-480-30A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HVG-480-30A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HVG-480-30A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HVG-480-30A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HVG-480-30A Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HVG-480-30A Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HVG-480-30A Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HVG-480-30A Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HVG-480-30A Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Please refer to : http://www.meanwell.com/manual.html
480W Constant Voltage + Constant Current LED Driver
HVG-480 series
File Name:HVG-480-SPEC 2017-04-21
MECHANICAL SPECIFICATION
INSTALLATION MANUAL
Case No. 251
Unit:mm
A-Type
B/D2-Type
Vo
ADJ.
Io
ADJ.
FG
(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
STW 18AWG
3C
×
300
20
±
ψ×
4.5 4PL
Vo-(Black)
Vo+(Red)
SJTW 14AWG
2C
×
300
20
±
: Max. Case Temperature
tc
8.9
13.4
235.2
262
FG
(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
STW 18AWG
3C
×
300
20
±
ψ×
4.5 4PL
Vo-(Black)
Vo+(Red)
SJTW 14AWG
2C
×
UL2517 22AWG
2C
×
300
20
±
: Max. Case Temperature
tc
8.9
13.4
235.2
262
DIM-(White)**
DIM+(Blue)*
* DIM+ for B-Type
PROG+ for D2-Type
* *DIM- for B-Type
PROG- for D2-Type
113.8
113.8
tc
tc


Similar Part No. - HVG-480-30A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-100 MEANWELL-HVG-100 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
HVG-100 MEANWELL-HVG-100 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-15 MEANWELL-HVG-100-15 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-15 MEANWELL-HVG-100-15 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-20 MEANWELL-HVG-100-20 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
More results

Similar Description - HVG-480-30A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-480H MEANWELL-HLG-480H_18 Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-C MEANWELL-HLG-480H-C Datasheet
304Kb / 10P
   480W Constant Current Mode LED Driver
HBG-160 MEANWELL-HBG-160_19 Datasheet
2Mb / 9P
   160W Constant Voltage Constant Current LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
   300W Constant Voltage Constant Current LED Driver
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
   300W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200 Datasheet
1Mb / 10P
   200W Constant Voltage Constant Current LED Driver
HVG-320 MEANWELL-HVG-320 Datasheet
139Kb / 7P
   320W Constant Voltage Constant Current LED Driver
HVG-240 MEANWELL-HVG-240 Datasheet
131Kb / 6P
   240W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200_19 Datasheet
2Mb / 9P
   200W Constant Voltage Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com