Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC03 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SLC03
Description  3W DIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SLC03 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SLC03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SLC03 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SLC03 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SLC03 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
EFFICIENCY
(TYP.)
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SLC03A-05
SLC03B-05
SLC03C-05
SLC03A-12
SLC03B-12
SLC03C-12
SLC03A-15
SLC03B-15
SLC03C-15
DLC03A-05
DLC03B-05
DLC03C-05
DLC03A-12
DLC03B-12
DLC03C-12
DLC03A-15
DLC03B-15
DLC03C-15
12V
(9 ~ 18V)
24V
(18 ~ 36V)
48V
(36 ~ 75V)
15V
±
15V
±
15V
±
5V
5V
5V
12V
12V
12V
15V
15V
15V
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
313mA
156mA
78mA
330mA
154mA
77mA
320mA
154mA
76mA
309mA
153mA
76mA
325mA
158mA
79mA
305mA
156mA
78mA
32mA
20mA
10mA
25mA
10mA
7mA
15mA
10mA
7mA
15mA
10mA
7mA
30mA
20mA
10mA
20mA
10mA
32mA
600mA
600mA
600mA
250mA
250mA
250mA
200mA
200mA
200mA
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 100mA
±
0 ~ 100mA
±
0 ~ 100mA
±
79%
80%
80%
81%
81%
81%
81%
82%
82%
79%
82%
82%
82%
79%
80%
81%
81%
80%
1000 F
μ
1000 F
μ
1000 F
μ
470 F
μ
470 F
μ
470 F
μ
330 F
μ
330 F
μ
330 F
μ
* 220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
* For each output
File Name:SLC03,DLC03-SPEC 2017-06-21
3W DIP Package DC-DC Regulated Converter
SLC03 & DLC03 series


Similar Part No. - SLC03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
SLC0XXX ETC1-SLC0XXX Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results

Similar Description - SLC03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
   3W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Mean Well Enterprises C...
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
   20W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com