Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPBW03G-05 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DPBW03G-05
Description  3W SIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DPBW03G-05 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DPBW03G-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DPBW03G-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DPBW03G-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DPBW03G-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SPBW03F-03
SPBW03F-05
SPBW03F-12
SPBW03F-15
DPBW03F-05
DPBW03G-05
DPBW03F-12
DPBW03G-12
DPBW03F-15
DPBW03G-15
SPBW03G-03
SPBW03G-05
SPBW03G-12
SPBW03G-15
24V
(9 ~ 36V)
48V
(18 ~ 75V)
3.3V
3.3V
5V
5V
12V
12V
15V
15V
5V
±
5V
±
12V
±
12V
±
15V
±
15V
±
122mA
152mA
75mA
154mA
61mA
75mA
150mA
77mA
150mA
74mA
154mA
75mA
150mA
76mA
5mA
16mA
3mA
3mA
6mA
7mA
5mA
13mA
4mA
13mA
11mA
12mA
8mA
27mA
0 ~ 700mA
0 ~ 700mA
0 ~ 600mA
0 ~ 600mA
0 ~ 250mA
0 ~ 250mA
0 ~ 200mA
0 ~ 200mA
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 100mA
±
0 ~ 100mA
±
79%
81%
83%
180 F
μ
180 F
μ
*100 F
μ
*100 F
μ
1000 F
μ
1000 F
μ
220 F
μ
220 F
μ
120 F
μ
120 F
μ
*100 F
μ
*100 F
μ
*470 F
μ
*470 F
μ
81%
79%
83%
84%
82%
84%
85%
81%
84%
83%
82%
File Name:SPBW03,DPBW03-SPEC 2017-03-06
3W SIP Package DC-DC Regulated Converter
SPBW03 & DPBW03 series
EFFICIENCY
(TYP.)
* For each output


Similar Part No. - DPBW03G-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DPBW06 MEANWELL-DPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
DPBW06F-05 MEANWELL-DPBW06F-05 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
DPBW06F-12 MEANWELL-DPBW06F-12 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
DPBW06F-15 MEANWELL-DPBW06F-15 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
DPBW06G-05 MEANWELL-DPBW06G-05 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
More results

Similar Description - DPBW03G-05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03_16 Datasheet
551Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MCWI03 MINMAX-MCWI03_16 Datasheet
582Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MCW03 MINMAX-MCW03_16 Datasheet
601Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
URD480505S-3WR3 MORNSUN-URD480505S-3WR3 Datasheet
715Kb / 4P
   3W, Ultra wide input, dual isolated & regulated dual output, SIP package, DC-DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com