Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPBW06G-05 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # DPBW06G-05
Description  6W SIP Package DC-DC Regulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DPBW06G-05 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  DPBW06G-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DPBW06G-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DPBW06G-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DPBW06G-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. DPBW06G-05 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Remote ON/OFF Control
File Name:SPBW06,DPBW06-SPEC 2017-03-06
6W SIP Package DC-DC Regulated Converter
SPBW06 & DPBW06 series
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
1K
Ω
+Vin
O/O
NFF
-Vin
2
~4mA
current
source
Application circuit
The remote ON/OFF input feature of the converter allows external circuitry to turn the converter ON or OFF. Active-high remote ON/OFF is available as
standard. The converter is turned ON if the remote ON/OFF pin is open circuit. Supply the ON/OFF pin at 2mA to 4mA will turn the converter OFF. The
signal level of the ON/OFF pin is defined with respect to ground. If not using the ON/OFF pin, leave the pin open (module will be ON, recommended
application as below)
ON/OFF pin appliend current via 1K
Ω
EMC Suggestion Circuit
※Required external components to meet EN55032 class A/B emission are as below:
SPBW06 / DPBW06
C3
C4
+Vin
-Vi n
Lo ad
+Vout
-Vout
+Vin
-Vi n
+Vout
-Vout
L1
C1
C2
E 55022 lass A
N
C
E 55022 lass B
NC
Model No.
C1
C1
C
2
C
2
C
3
C
3
C
4
C
4
L1
L1
SPBW06F-03
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV
1500pF/2KV 10 H
μ
SPBW06F-05
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06F-12
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06F-15
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06F-05
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06F-12
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06F-15
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06G-03
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
2.2 F/100V
μ
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06G-05
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
2.2 F/100V
μ
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06G-12
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
2.2 F/100V
μ
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06G-15
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
2.2 F/100V
μ
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06G-05
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06G-12
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06G-15
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
Note: All of capacitors are ceramic capacitors
SPBW06/
DPBW06


Similar Part No. - DPBW06G-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DPBW03 MEANWELL-DPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
DPBW03F-05 MEANWELL-DPBW03F-05 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
DPBW03F-12 MEANWELL-DPBW03F-12 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
DPBW03F-15 MEANWELL-DPBW03F-15 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
DPBW03G-05 MEANWELL-DPBW03G-05 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
More results

Similar Description - DPBW06G-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
VRB1203S-6WR3 MORNSUN-VRB1203S-6WR3 Datasheet
766Kb / 4P
   6W,wide input, isolated & regulated single output, SIP package, DC-DC converter
logo
Mean Well Enterprises C...
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
URB2403S-6WR3 MORNSUN-URB2403S-6WR3 Datasheet
667Kb / 4P
   6W, Ultra wide input, isolated & regulated single output, SIP package, DC-DC converter
logo
Mean Well Enterprises C...
MDS06 MEANWELL-MDS06 Datasheet
94Kb / 5P
   6W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MSGWI06 MINMAX-MSGWI06_15 Datasheet
397Kb / 5P
   DC/DC CONVERTER 6W, SMD Package
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com