Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAN02C-12 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SPAN02C-12
Description  2W SIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPAN02C-12 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SPAN02C-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPAN02C-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPAN02C-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPAN02C-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name:SPAN02,DPAN02-SPEC 2017-03-06
2W SIP Package DC-DC Regulated Converter
SPAN02 & DPAN02 series
Front View
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
Pin pitch tolerance:
0.05mm (
0.002")
±±
Mechanical Specification
Plug Assignment
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Derating Curve
Ta (
)
21.8(0.86)
2.5(0.10)
17.8(0.70)
Bottom View
2(0.08)
0.5(0.02)
1
23
567
8
Pin-Out
Pin No.
1
2
3
5
6
7
8
-Vin
+Vin
R.C.
N.C.
+Vout
-Vout
N.C.
-Vin
+Vin
R.C.
N.C.
Common
+Vout
-Vout
SPAN02
(Single output)
DPAN02
(Dual output)
-40
-20
0
Natural convection
20
40
60
80
100
40
20
60
85
90
100


Similar Part No. - SPAN02C-12

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SPAN-B-B11R-G18FPM-PN-L1 FESTO-SPAN-B-B11R-G18FPM-PN-L1 Datasheet
79Kb / 2P
   Pressure sensor
SPAN-B-B11R-G18M-PN-L1 FESTO-SPAN-B-B11R-G18M-PN-L1 Datasheet
79Kb / 2P
   Pressure sensor
SPAN-B-B11R-M5FAL-PN-L1 FESTO-SPAN-B-B11R-M5FAL-PN-L1 Datasheet
78Kb / 2P
   Pressure sensor
SPAN-B-B11R-Q4-PN-L1 FESTO-SPAN-B-B11R-Q4-PN-L1 Datasheet
77Kb / 2P
   Pressure sensor
SPAN-B-B11R-R18M-PN-L1 FESTO-SPAN-B-B11R-R18M-PN-L1 Datasheet
79Kb / 2P
   Pressure sensor
More results

Similar Description - SPAN02C-12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com