Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLC03B-15 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # DLC03B-15
Description  3W DIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DLC03B-15 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  DLC03B-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DLC03B-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DLC03B-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DLC03B-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name:SLC03,DLC03-SPEC 2017-06-21
3W DIP Package DC-DC Regulated Converter
SLC03 & DLC03 series
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
x.xx
0.25mm(
0.01")
x.xxx
±±
Pin size is 0 50
.
mm ( .
0.01")
. x0 30
x
002
"
Pin is Tolerance:x.xx
0.07mm(
x
0.03")
±±
x.xx
Plug Assignment
Pin-Out
Pin No.
1
7
8
9
10
16
-Vin
+Vout
-Vout
+Vin
-Vin
+Vout
-Vout
+Vin
Common
N.C.
N.C.
N.C.
SLC03
(Single output)
DLC03
(Dual output)
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Derating Curve
Ta (
)
-40
-20
0
Natural convection
20
40
50
60
80
100
40
20
60
71
85
100
Mechanical Specification
22.1(0.87)
2.54(0.1)
15.24(0.6)
2.16(0.09)
Side View
1.77(0.07)
22.1(0.87)
1
16
7
10
8
9
0.5(0.02)
Bottom View


Similar Part No. - DLC03B-15

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
DLC00001 REDLION-DLC00001 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
DLC01001 REDLION-DLC01001 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
More results

Similar Description - DLC03B-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
   3W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Mean Well Enterprises C...
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
   20W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com