Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPAN02E-05 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DPAN02E-05
Description  2W SIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DPAN02E-05 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DPAN02E-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DPAN02E-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DPAN02E-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DPAN02E-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SPAN02E-03
SPAN02A-03
SPAN02B-03
SPAN02C-03
SPAN02E-05
SPAN02A-05
SPAN02B-05
SPAN02C-05
SPAN02E-12
SPAN02A-12
SPAN02B-12
SPAN02C-12
SPAN02E-15
SPAN02A-15
SPAN02B-15
SPAN02C-15
DPAN02E-05
DPAN02A-05
DPAN02B-05
DPAN02C-05
DPAN02E-12
DPAN02A-12
DPAN02B-12
DPAN02C-12
DPAN02E-15
DPAN02A-15
DPAN02B-15
DPAN02C-15
5V
(4.5 ~ 9V)
12V
(9 ~ 18V)
24V
(18 ~ 36V)
48V
(36 ~ 75V)
3.3V
3.3V
3.3V
3.3V
15V
±
15V
±
15V
±
15V
±
5V
5V
5V
5V
12V
12V
12V
12V
15V
15V
15V
15V
5V
±
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
12V
±
452mA
181mA
90mA
46mA
503mA
202mA
100mA
50mA
526mA
211mA
105mA
53mA
501mA
204mA
102mA
51mA
503mA
202mA
101mA
50mA
519mA
211mA
105mA
53mA
504mA
202mA
102mA
51mA
60mA
30mA
18mA
9mA
60mA
31mA
19mA
9mA
60mA
32mA
19mA
9mA
60mA
32mA
19mA
9mA
65mA
32mA
19mA
9mA
60mA
31mA
18mA
12mA
19mA
12mA
60mA
31mA
0 ~ 500mA
0 ~ 500mA
0 ~ 500mA
0 ~ 500mA
0 ~ 67mA
±
0 ~ 67mA
±
0 ~ 67mA
±
0 ~ 67mA
±
0 ~ 400mA
0 ~ 400mA
0 ~ 400mA
0 ~ 400mA
0 ~ 167mA
0 ~ 167mA
0 ~ 167mA
0 ~ 167mA
0 ~ 134mA
0 ~ 134mA
0 ~ 134mA
0 ~ 134mA
0 ~ 200mA
±
0 ~ 200mA
±
0 ~ 200mA
±
0 ~ 200mA
±
0 ~ 83mA
±
0 ~ 83mA
±
0 ~ 83mA
±
0 ~ 83mA
±
74%
76%
76%
75%
80%
83%
85%
84%
78%
80%
79%
80%
80%
83%
82%
82%
80%
84%
83%
83%
78%
79%
79%
78%
80%
82%
81%
82%
500 F
μ
500 F
μ
500 F
μ
500 F
μ
*67 F
μ
*67 F
μ
*67 F
μ
*67 F
μ
400 F
μ
400 F
μ
400 F
μ
400 F
μ
167 F
μ
167 F
μ
167 F
μ
167 F
μ
134 F
μ
134 F
μ
134 F
μ
134 F
μ
*200 F
μ
*200 F
μ
*200 F
μ
*200 F
μ
*83 F
μ
*83 F
μ
*83 F
μ
*83 F
μ
File Name:SPAN02,DPAN02-SPEC 2017-03-06
2W SIP Package DC-DC Regulated Converter
SPAN02 & DPAN02 series
EFFICIENCY
(TYP.)
* For each output


Similar Part No. - DPAN02E-05

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
   Miniature Rack and Panel
logo
Sensata Technologies, I...
DPA SENSATA-DPA Datasheet
355Kb / 3P
   PCB MOUNT
logo
Festo Corporation.
DPA-100-10 FESTO-DPA-100-10 Datasheet
100Kb / 1P
   Pressure booster
DPA-100-10-A FESTO-DPA-100-10-A Datasheet
100Kb / 1P
   Pressure booster
DPA-100-10-CRVZS20 FESTO-DPA-100-10-CRVZS20 Datasheet
104Kb / 1P
   Pressure booster
More results

Similar Description - DPAN02E-05

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com