Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54LV27AW Datasheet(PDF) 6 Page - Texas Instruments

Part # SNJ54LV27AW
Description  TRIPLE 3 INPUT POSITIVE NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LV27AW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54LV27AW Datasheet HTML 2Page - Texas Instruments SNJ54LV27AW Datasheet HTML 3Page - Texas Instruments SNJ54LV27AW Datasheet HTML 4Page - Texas Instruments SNJ54LV27AW Datasheet HTML 5Page - Texas Instruments SNJ54LV27AW Datasheet HTML 6Page - Texas Instruments SNJ54LV27AW Datasheet HTML 7Page - Texas Instruments SNJ54LV27AW Datasheet HTML 8Page - Texas Instruments SNJ54LV27AW Datasheet HTML 9Page - Texas Instruments SNJ54LV27AW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74LV27AD
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ADBR
ACTIVE
SSOP
DB
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ADBRE4
ACTIVE
SSOP
DB
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ADE4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ADGVR
ACTIVE
TVSOP
DGV
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ADGVRE4
ACTIVE
TVSOP
DGV
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ADR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ADRE4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ANSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27ANSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27APW
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27APWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27APWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27APWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27APWT
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV27APWTE4
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Aug-2005
Addendum-Page 1


Similar Part No. - SNJ54LV27AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LV27AW TI-SNJ54LV27AW Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SNJ54LV27AW TI-SNJ54LV27AW Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
More results

Similar Description - SNJ54LV27AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV27A TI-SN74LV27A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com