Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54LVTH574FK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54LVTH574FK
Description  3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LVTH574FK Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54LVTH574FK Datasheet HTML 1Page - Texas Instruments SNJ54LVTH574FK Datasheet HTML 2Page - Texas Instruments SNJ54LVTH574FK Datasheet HTML 3Page - Texas Instruments SNJ54LVTH574FK Datasheet HTML 4Page - Texas Instruments SNJ54LVTH574FK Datasheet HTML 5Page - Texas Instruments SNJ54LVTH574FK Datasheet HTML 6Page - Texas Instruments SNJ54LVTH574FK Datasheet HTML 7Page - Texas Instruments SNJ54LVTH574FK Datasheet HTML 8Page - Texas Instruments SNJ54LVTH574FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54LVTH574, SN74LVTH574
3.3V ABT OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCBS688G − MAY 1997 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Support Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 3.3-V VCC)
D Support Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
SN54LVTH574 ...J OR W PACKAGE
SN74LVTH574 . . . DB, DW, NS,
OR PW PACKAGE
(TOP VIEW)
SN54LVTH574 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CLK
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN74LVTH574 . . . RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
1D
2D
3D
4D
5D
6D
7D
8D
description/ordering information
These octal flip-flops are designed specifically for low-voltage (3.3-V) VCC operation, but with the capability to
provide a TTL interface to a 5-V system environment.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74LVTH574RGYR
LXH574
SOIC − DW
Tube
SN74LVTH574DW
LVTH574
SOIC − DW
Tape and reel
SN74LVTH574DWR
LVTH574
SOP − NS
Tape and reel
SN74LVTH574NSR
LVTH574
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74LVTH574DBR
LXH574
−40 C to 85 C
TSSOP − PW
Tube
SN74LVTH574PW
LXH574
TSSOP − PW
Tape and reel
SN74LVTH574PWR
LXH574
VFBGA − GQN
Tape and reel
SN74LVTH574GQNR
LXH574
VFBGA − ZQN (Pb-free)
Tape and reel
SN74LVTH574ZQNR
LXH574
CDIP − J
Tube
SNJ54LVTH574J
SNJ54LVTH574J
−55
°C to 125°C
CFP − W
Tube
SNJ54LVTH574W
SNJ54LVTH574W
−55 C to 125 C
LCCC − FK
Tube
SNJ54LVTH574FK
SNJ54LVTH574FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SNJ54LVTH574FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LVTH574FK TI-SNJ54LVTH574FK Datasheet
744Kb / 23P
[Old version datasheet]   3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SNJ54LVTH574FK TI1-SNJ54LVTH574FK Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54LVTH574FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH574 TI-SN74LVTH574_07 Datasheet
744Kb / 23P
[Old version datasheet]   3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH574 TI1-SN54LVTH574_16 Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374 Datasheet
468Kb / 16P
[Old version datasheet]   3.3 V ABT OCTAL EDGE TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVTH574 TI-SN54LVTH574 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVT574 TI-SN54LVT574_06 Datasheet
460Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374_08 Datasheet
642Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH16374 TI-SN54LVTH16374 Datasheet
467Kb / 18P
[Old version datasheet]   3.3V ABT 16 BIT EDGE - TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com