Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL081A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SPL081A
Description  Low Voltage 7KB LCD Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPL081A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SPL081A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL081A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL081A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPL081A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPL081A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPL081A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPL081A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPL081A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPL081A Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SPL081A
10. REVISION HISTORY
Date
Revision #
Description
Page
JUL. 28, 1998
0.1
Original
AUG. 18, 1998
0.2
Modify CPU frequency: 0.3MHz @ 1.5V -> 300KHz or 550KHz (mask option) in the
“FEATURES”
OCT. 27, 1998
0.3
1. Modify CPU frequency: 550KHz -> 500KHz
2. Add “PAD ASSIGNMENT AND LOCATIONS”
JAN. 12, 1999
0.4
Correct chip size: 2440
µm X 2020µm
OCT. 20, 1999
0.5
Add “Iop Condition” description in the “DC CHARACTERISTICS”
MAY. 15, 2001
1.0
1. Delete “PRELIMINARY”
2. Add “Note: The 0.1
µF capacitor between VDD and VSS…”
3. Add “10. REVISION HISTORY”
4. Renew to a new document format
6, 7
10
AUG. 27, 2001
1.1
1. Add Note1 in the “8.1 PAD Assignment”
2. Renew to a new document format
8
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
11
AUG. 27, 2001
Version: 1.1


Similar Part No. - SPL081A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
551Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
323Kb / 1P
   L600 PCB Series Midget (10x38 mm) Fuse Holder
Rev:4-B-080113
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
550Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
logo
Alpha Wire
SPL001 ALPHAWIRE-SPL001 Datasheet
214Kb / 2P
   M12 Male to 2X M12 Female Splitter
logo
Littelfuse
SPL001 LITTELFUSE-SPL001 Datasheet
1Mb / 4P
   LF Series Fuse Block Covers
Rev: 110413
More results

Similar Description - SPL081A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPL081A3 GENERALPLUS-GPL081A3 Datasheet
172Kb / 10P
   Low Voltage 7KB LCD Controller
GPL081A5 GENERALPLUS-GPL081A5 Datasheet
371Kb / 10P
   Low Voltage 7KB LCD Controller
GPL082A GENERALPLUS-GPL082A Datasheet
308Kb / 12P
   Low Power 7KB LCD Controller
GPL10A5 GENERALPLUS-GPL10A5 Datasheet
497Kb / 25P
   7KB LCD CONTROLLER/DRIVER
GPL10B GENERALPLUS-GPL10B Datasheet
366Kb / 23P
   7KB LCD Controller/Driver
GPL082A1 GENERALPLUS-GPL082A1 Datasheet
467Kb / 10P
   Low Power 7KB LCD Conttrollller
GPL08A5 GENERALPLUS-GPL08A5 Datasheet
204Kb / 10P
   LOW VOLTAGE 4KB LCD CONTROLLER
GPL08A6 GENERALPLUS-GPL08A6 Datasheet
395Kb / 10P
   LOW VOLTAGE 4KB LCD CONTROLLER
GPL081A1 GENERALPLUS-GPL081A1 Datasheet
369Kb / 10P
   Low Power 160 Dots LCD Conttrollller wiitth 7KB Rom
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com