Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRM20V100LLTX7 Datasheet(PDF) 2 Page - Epson Company

Part # SRM20V100LLTX7
Description  1M-Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SRM20V100LLTX7 Datasheet(HTML) 2 Page - Epson Company

  SRM20V100LLTX7 Datasheet HTML 1Page - Epson Company SRM20V100LLTX7 Datasheet HTML 2Page - Epson Company SRM20V100LLTX7 Datasheet HTML 3Page - Epson Company SRM20V100LLTX7 Datasheet HTML 4Page - Epson Company SRM20V100LLTX7 Datasheet HTML 5Page - Epson Company SRM20V100LLTX7 Datasheet HTML 6Page - Epson Company SRM20V100LLTX7 Datasheet HTML 7Page - Epson Company SRM20V100LLTX7 Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
s ABSOLUTE MAXIMUM RATINGS
s DC RECOMMENDED OPERATING CONDITIONS
Supply voltage
Input voltage
Input/Output voltage
Power dissipation
Operating temperature
Storage temperature
Soldering temperature and time
VDD
VI
VI/O
PD
Topr
Tstg
Tsol
–0.5 to 4.6
–0.5 to VDD+0.3
–0.5 to VDD+0.3
0.5
–25 to 85
–65 to 150
260
°C, 10s (at lead)
Parameter
Symbol
Ratings
Unit
(VSS = 0V)
TVI, VI/O (Min.) = –3.0V (Pulse width is 50ns)
V
V
V
W
°C
°C
(VSS = 0V, Ta = –25 to 85°C)
Parameter
Input voltage
Supply voltage
Symbol
Conditions
VDD
VSS
VIH
VIL
TIf pulse width is less than 50ns, it is –3.0V
Min.
2.7
0
2.2
–0.3T
Typ.
3.0
0
Max.
3.6
0
VDD+0.3
0.4
V
V
V
V
Unit
Parameter
Symbol
Conditions
Unit
Input leakage
High level output voltage
Low level output voltage
Operating supply current
Average operating current
ILI
VOH
VOL
IDDS
IDDO
µA
mA
V
(VDD = 2.7 to 3.6V, VSS = 0V, Ta = –25 to 85°C)
IDDA
TTypical values are measured at Ta=25°C and V
DD=3.0V
VI=0 to VDD
CS1 = VIH or CS2 = VIL
V
µA
mA
Standby supply current
IDDS1
IDDA1
CS1 = CS2
≥VDD—0.2V
or CS2
≤0.2V
VI = VIL, VIH
II/O = 0mA, tcyc = Min.
VI = VIL, VIH
II/O = 0mA, tcyc = 1µs
VI = VIL, VIH
II/O = 0mA
mA
mA
–1
Min.
Typ.T
Max.
2.4
VDD—0.2
LL
SL
0.6
0.3
20
8
8
1
1.0
60
30
35
15
15
0.4
0.2
VDD≥3V, IOH = –2.0mA
IOH = –100µA
VDD≥3V, IOL = –2.0mA
IOL = 100µA
(f = 1MHz, Ta = 25
°C)
Parameter
Symbol
Address Capacitance
Input Capacitance
I/O Capacitance
CADD
CI
CI/O
Min.
Typ.
Max.
Unit
Conditions
pF
pF
pF
VADD=0V
VI=0V
VI/O=0V
8
8
10
Output leakage
ILO
µA
CS1 = VIH or CS2 = VIL or WE = VIL
or OE = VIH, VIO = 0 to VDD
–1
1
s ELECTRICAL CHARACTERISTICS
q DC Electrical Characteristics
q Terminal Capacitance


Similar Part No. - SRM20V100LLTX7

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT_V01 Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
More results

Similar Description - SRM20V100LLTX7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM321024 MOTOROLA-MCM321024 Datasheet
80Kb / 8P
   1M x 32 Bit Fast Static RAM Module
MCM8A10 MOTOROLA-MCM8A10 Datasheet
79Kb / 8P
   1M x 8 Bit Fast Static RAM Module
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com