Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRM20V100LLKX7 Datasheet(PDF) 3 Page - Epson Company

Part # SRM20V100LLKX7
Description  1M-Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SRM20V100LLKX7 Datasheet(HTML) 3 Page - Epson Company

  SRM20V100LLKX7 Datasheet HTML 1Page - Epson Company SRM20V100LLKX7 Datasheet HTML 2Page - Epson Company SRM20V100LLKX7 Datasheet HTML 3Page - Epson Company SRM20V100LLKX7 Datasheet HTML 4Page - Epson Company SRM20V100LLKX7 Datasheet HTML 5Page - Epson Company SRM20V100LLKX7 Datasheet HTML 6Page - Epson Company SRM20V100LLKX7 Datasheet HTML 7Page - Epson Company SRM20V100LLKX7 Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SRM20V100LLMX7
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
70
5
5
0
10
Min.
Max.
70
70
70
40
30
30
30
Parameter
Symbol
Conditions
(VDD = 2.7V to 3.6V, VSS = 0V, Ta = –25 to 85
°C)
Read cycle time
Address access time
Chip select1 access time
Chip select2 access time
Output enable access time
Chip select1 output set time
Chip select1 output floating
Chip select2 output set time
Chip select2 output floating
Output enable output set time
Output enable output floating
Output hold time
tRC
tACC
tACS1
tACS2
tOE
tCLZ1
tCHZ1
tCLZ2
tCHZ2
tOLZ
tOHZ
tOH
T1
T2
T1
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
70
60
60
60
0
55
0
30
0
5
Min.
Max.
30
Parameter
Symbol
Conditions
(VDD = 2.7V to 3.6V, VSS = 0V, Ta = –25 to 85
°C)
Write cycle time
Chip select time1
Chip select time2
Address enable time
Address setup time
Write pulse width
Address hold time
Input data setup time
Input data hold time
WE Output floating
WE Output setup time
tWC
tCW1
tCW2
tAW
tAS
tWP
tWR
tDW
tDH
tWHZ
tOW
T1
T2
+3V
1.0k
920
CL
I/O
CL=5pF (Includes Jig Capacitance)
+3V
1.0k
920
CL
I/O
CL=100pF (Includes Jig Capacitance)
T1 Test Conditions
1. Input pulse level: 0.4V to 2.4V
2. tr = tf = 5ns
3. Input and output timing reference
levels : 1.5V
4. Output load CL = 100pF
T2 Test Conditions
1. Input pulse level : 0.4V to 2.4V
2. tr = tf = 5ns
3. Input timing reference levels: 1.5V
4. Output timing reference levels:
±200mV (the level displaced from
stable output voltage level)
5. Output load CL = 5pF
q AC Electrical Characteristics
rRead Cycle
rWrite Cycle


Similar Part No. - SRM20V100LLKX7

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT_V01 Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
More results

Similar Description - SRM20V100LLKX7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM321024 MOTOROLA-MCM321024 Datasheet
80Kb / 8P
   1M x 32 Bit Fast Static RAM Module
MCM8A10 MOTOROLA-MCM8A10 Datasheet
79Kb / 8P
   1M x 8 Bit Fast Static RAM Module
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com