Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDPC-45A-1050 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # IDPC-45A-1050
Description  45W Constant Current Mode LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IDPC-45A-1050 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  IDPC-45A-1050 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IDPC-45A-1050 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IDPC-45A-1050 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IDPC-45A-1050 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. IDPC-45A-1050 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. IDPC-45A-1050 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ModelEncoding
Description
Features
Applications
LEDpanellighting
LEDfloodlighting
IndoorLEDlighting
Ratedoutputcurrent(350/500/700/1050/1400mA)
Outputwattage
Seriesname
- 350
IDPC - 45
File Name:IDPC-45-SPEC 2017-07-20
A
IDPC-45seriesisa45WPCBtypeLEDAC/DCdriverfeaturingtheconstantcurrentmodeoutput
withflickerfreedesign.IDPC-45operatesfrom90~295VACandoffersmodelswithdifferentrated
currentrangingbetween350mAand1400mA.Thankstotheefficiencyupto86%,withthefanless
design,theentireseriesisabletooperatefor-20℃~+40℃ ambienttemperatureunderfreeairconvection.
IDPC-45isequippedwithvariousfunctionoptions,suchasdimmingmethodologies,soastoprovide
theoptimaldesignflexibilityforlightingsystem.
SELV
Functionoptions
45W Constant Current Mode LED Driver
I D P C - 4 5 series
ConstantCurrentmodeoutput
Flickerfreedesign
PCB typedesign
Built-inactive PFC function
Noloadpowerconsumption<0.5W(Blank-Type),
Standbypowerconsumption<0.5W(DA-Type)
Functionoptions:2in1dimming(dim-to-off);
Auxiliary DC output; DAL
I
3yearswarranty
Type
Blank
Function
Note
InStock
InStock
2in1dimming(0~10VDCand10VPWM)
DA
DALIcontroltechnology
(forDA-Typeonly)
Note:TheDALIcontrolmodel(DAType)onlyforIDPC-45NonAuxiliaryDCoutputmodels.
A:AuxiliaryDCoutput(12V@50mA)
:None
{


Similar Part No. - IDPC-45A-1050

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDPC-25 MEANWELL-IDPC-25 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
IDPC-25-1050 MEANWELL-IDPC-25-1050 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
IDPC-25-350 MEANWELL-IDPC-25-350 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
IDPC-25-500 MEANWELL-IDPC-25-500 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
IDPC-25-700 MEANWELL-IDPC-25-700 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
More results

Similar Description - IDPC-45A-1050

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLC-45 MEANWELL-IDLC-45 Datasheet
576Kb / 6P
   45W Constant Current Mode LED Driver
HLG-320H-C MEANWELL-HLG-320H-C Datasheet
3Mb / 9P
   320W Constant Current Mode LED Driver
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
IDLC-65 MEANWELL-IDLC-65 Datasheet
200Kb / 6P
   65W Constant Current Mode LED Driver
IDPC-65 MEANWELL-IDPC-65 Datasheet
220Kb / 6P
   65W Constant Current Mode LED Driver
LPF-16D MEANWELL-LPF-16D Datasheet
567Kb / 8P
   16W Constant Current Mode LED Driver
XLG-20 MEANWELL-XLG-20 Datasheet
626Kb / 6P
   21W Constant Current Mode LED Driver
2022-08-08
IDPC-25 MEANWELL-IDPC-25 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
HLG-480H-C MEANWELL-HLG-480H-C Datasheet
304Kb / 10P
   480W Constant Current Mode LED Driver
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com