Electronic Components Datasheet Search |
|
IDPC-25-500 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
IDPC-25-500 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 6 page SPECIFICATION File Name:IDPC-25-SPEC 2017-04-26 MODEL OUTPUT SETUP TIME Note.4 FREQUENCY RANGE POWER FACTOR (Typ.) EFFICIENCY (Typ.) AC CURRENT INPUT INRUSH CURRENT (Typ.) LEAKAGE CURRENT WORKING HUMIDITY STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING SHORT CIRCUIT <0.75mA / 277VAC 20 ~ 90% RH non-condensing -40 ~ +80 , 10 ~ 95% RH ℃ ±℃ ℃ 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes 418.9Khrs min. MIL-HDBK-217F (25 ) ℃ 1. All parameters NOT specially mentioned are measured at 230VAC input, rated current and 25 of ambient temperature. ℃ 2. Please refer to "DRIVING METHODS OF LED MODULE". 3. De rating may be needed under low input voltages. Please . - refer to STATIC CHARACTERISTIC sections for details 4. Length of set up time is measured at cold first start. Turning ON/OFF the driver may lead to increase of the set up time. 5. There is no design of short circuit protection for the Auxiliary DC output; this function can not be used when dimming input terminals(DIM+,DIM-) are short circuit or when it is no load or short circuit at output(Vo+,Vo-). 6. The driver is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again. 0.12Kg; 72pcs / 9.64Kg / 1.13CUFT ENVIRONMENT SAFETY & EMC PROTECTION WITHSTAND VOLTAGE ISOLATION RESISTANCE I/P-O/P:3.75KVAC I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH ℃ SAFETY STANDARDS Compliance to EN55015, EN61000-3-2 Class C ( ) ; EN61000-3-3,GB17743,GB17625.1 @load 70% ≧ EMC IMMUNITY EMC EMISSION 114.5*72.5*20mm(L*W*H) Hiccup mode, recovers automatically after fault condition is removed Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level( ) surge immunity:Line-Line:1KV TOTAL HARMONIC DISTORTION VOLTAGE RANGE Note.3 IDPC-25 -350 IDPC-25 -700 350mA 700mA 500ms / 230VAC 1200ms/115VAC 47 ~ 63Hz PF>0.95/115VAC, PF>0.92/230VAC, PF>0.9/277VAC@full load (Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section) COLD START 30A(twidth= s measured at 50% Ipeak) at 230VAC 100 μ; Per NEMA 410 IDPC-25 -500 500mA IDPC-25 -1050 1050mA RATED CURRENT RATED POWER CURRENT TOLERANCE CONSTANT CURRENT REGION Note.2 OPEN CIRCUIT VOLTAGE(max.) CURRENT RIPPLE ±7.0% 5.0% max. @rated current THD< 20%(@load 70%/115VAC,230VAC; @load 75%/277VAC) ≧≧ (Please refer to “TOTAL HARMONIC DISTORTION” section) MAX. No. of PSUs on 16A CIRCUIT BREAKER 32 units (circuit breaker of type B) / 32 units (circuit breaker of type C) at 230VAC (Please refer to "STATIC CHARACTERISTIC" section) 90 ~ 295VAC 127 ~ 417VDC AUXILIARY DC OUTPUT Note.5 Nominal 12V(deviation 11.4~12.6)@50mA for A-Type only 25W Constant Current Mode LED Driver IDPC-25 series <0.5W for Blank-Type, <1.2W for A-Type NO LOAD POWER CONSUMPTION 24.5W 25.2W 100V 49 ~ 70V 25.2 ~ 36V 63V 25W 35 ~ 50V 75V 25.2W 16.8 ~ 24V 36V 82% 81.5% 81.5% 80% 0.4A/115VAC 0.16A/230VAC 0.13A/277VAC WORKING TEMP. Ta=-20 ~ +50 (Please refer to “ OUTPUT LOAD vs TEMPERATURE” section) ℃ GB19510.1,GB19510.14 approved UL8750,CSA C22.2 NO.250.13-12;ENEC EN61347-1 & EN61347-2-13 independent, EN62384, |
Similar Part No. - IDPC-25-500 |
|
Similar Description - IDPC-25-500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |