Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOG91K28 Datasheet(PDF) 3 Page - Green Power Solutions srl

Part # GOG91K28
Description  THREE PHASE AC-DC BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOG91K28 Datasheet(HTML) 3 Page - Green Power Solutions srl

  GOG91K28_17 Datasheet HTML 1Page - Green Power Solutions srl GOG91K28_17 Datasheet HTML 2Page - Green Power Solutions srl GOG91K28_17 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
THREE PHASE AC-DC BRIDGE
GOG91K28
Cooling:
Fan type:
three phase cross flow
Number of fans:
1
Voltage:
380 V
Current:
1.4 A
Frequency:
50/60 Hz
Noise:
75 dBA
Document GOG91K28T001
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data
sheet without notice.


Similar Part No. - GOG91K28_17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOG91K28 GPSEMI-GOG91K28 Datasheet
281Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results

Similar Description - GOG91K28_17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOG91K14 GPSEMI-GOG91K14_17 Datasheet
149Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94024 GPSEMI-GOG94024_17 Datasheet
166Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94034 GPSEMI-GOG94034_17 Datasheet
239Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95027 GPSEMI-GOG95027_17 Datasheet
169Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94020 GPSEMI-GOG94020 Datasheet
183Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K14 GPSEMI-GOG91K14 Datasheet
378Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96017 GPSEMI-GOG96017 Datasheet
241Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94027 GPSEMI-GOG94027 Datasheet
252Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96024 GPSEMI-GOG96024 Datasheet
349Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94015 GPSEMI-GOG94015 Datasheet
249Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95012 GPSEMI-GOG95012_17 Datasheet
167Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com