Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC62WV256SC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STC62WV256SC
Description  VERY LOW POWER/VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STC62WV256SC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STC62WV256SC Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV256SC Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV256SC Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV256SC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV256SC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV256SC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV256SC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV256SC Datasheet HTML 9Page - List of Unclassifed Manufacturers STC62WV256SC Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Revision 2.3
Jan.
2004
9
PACKAGE DIMENSIONS (continued)
STC
STC62WV256
R0201-
STC62WV256
PDIP - 28
1
14
14
D
1
HD
cL
28
15
"A"
15
28
WITH PLATING
SECTION A-A
BASE METAL
c c1
b1
b
12° (2X)
12 (2X)
SEATING PLANE
"A" DATAIL VIEW
Seating Plane
12°(2x)
12°(2x)
GAUGE PLANE
L1
L
A
A
0
y
0.004 ~ 0.006
0.004 ~ 0.008
0.0045±0.0026
0.0315±0.004
0.0197
0.022±0.004
0.008±0.001
0°~ 8°
0.004 Max.
0.528±0.008
0.315±0.004
0.465±0.004
0.009±0.002
0.039±0.002
0.0433±0.004
INCH
c1
L1
0
y
D
E
HD
L
e
SYMBOL
c
A
A1
b
A2
b1
UNIT
0.10 ~ 0.16
0.80±0.10
0°~ 8°
0.1 Max.
0.55±0.10
11.80±0.10
0.50
13.40±0.20
8.00±0.10
- 0.004
+0.008
-0.10
+0.20
0.115±0.065
MM
0.10 ~ 0.21
0.20±0.03
0.22±0.05
1.00±0.05
1.10±0.10
TSOP - 28


Similar Part No. - STC62WV256SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AC ETC1-STC62WV25616AC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AI ETC1-STC62WV25616AI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DC ETC1-STC62WV25616DC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DI ETC1-STC62WV25616DI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - STC62WV256SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com