Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRD48BF480T400A00 Datasheet(PDF) 8 Page - Vicor Corporation

Part # PRD48BF480T400A00
Description  PRM??Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRD48BF480T400A00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PRD48BF480T400A00 Datasheet HTML 4Page - Vicor Corporation PRD48BF480T400A00 Datasheet HTML 5Page - Vicor Corporation PRD48BF480T400A00 Datasheet HTML 6Page - Vicor Corporation PRD48BF480T400A00 Datasheet HTML 7Page - Vicor Corporation PRD48BF480T400A00 Datasheet HTML 8Page - Vicor Corporation PRD48BF480T400A00 Datasheet HTML 9Page - Vicor Corporation PRD48BF480T400A00 Datasheet HTML 10Page - Vicor Corporation PRD48BF480T400A00 Datasheet HTML 11Page - Vicor Corporation PRD48BF480T400A00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Rev. 1.2
07 / 2012
Page 8 of 22
PRM48BF480T400A00
(Formerly VIP0001TFJ)
V•I CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
RE
VOUT
PC
PR
VIN
VC
VS
TM
IF
UV
OV
Vpc_en
Vpc
Vvc
Vvs_amb
Vre_amb
VIF_OC
Vpr_min
OV
VIF_IL
Vpr_max
18 V
1 V
Vtm_amb
9
Start up with
minimum < dVIN/dt < 1.2V/ms
10
Output short
circuit
11
Output Power
limit Protection
12
Current limit
event
13
Input UV
TOFF
TSC
TSCR+TOFF
<TBLNK
(Output Short fault
conditions satisfied)
TBLNK
(Output Short fault
timer expired)
OT
Vsc_vpr
Not Recommended for New Designs


Similar Part No. - PRD48BF480T400A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
   PRM짰 Regulator Remote Sense Only
More results

Similar Description - PRD48BF480T400A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRM48AF480T400A00 VICOR-PRM48AF480T400A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
1Mb / 44P
   PRM??Regulator
P024F048T12AL VICOR-P024F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PR048A480T024FP VICOR-PR048A480T024FP Datasheet
692Kb / 13P
   PRM??Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com