Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1162 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC1162
Description  TO-126 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1162 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1162 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1162 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1162 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
U
nit
Collector-base breakdown voltage
V(BR)CBO
IC =1mA,IE=0
35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =10mA,IB=0
35
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA ,IC=0
5
V
Collector cut-off current
ICBO
VCB=35V,IE=0
20
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
20
μA
hFE1
VCE=2V,IC=0.5A
60
320
DC current gain
hFE2
VCE=2V,IC=1.5A
*
20
Collector-emitter saturation voltage
VCE(sat)
IC=2A,IB=200mA
1
V
Base-collector voltage
VBE
VCE=2V,IC=1.5A
1.5
V
Transition frequency
fT
VCE=2V,IC=200mA
180
MHz
*pulse test
CLASSIFICATION OF
hFE1
Rank
B
C
D
Range
60-120
100-200
160-320
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
www.cj-elec.com
2
D,Aug,2017
*


Similar Part No. - 2SC1162

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1162 HITACHI-2SC1162 Datasheet
29Kb / 5P
   Silicon NPN Epitaxial
logo
Savantic, Inc.
2SC1162 SAVANTIC-2SC1162 Datasheet
100Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC1162 JMNIC-2SC1162 Datasheet
178Kb / 4P
   Silicon NPN Power Transistors
logo
SeCoS Halbleitertechnol...
2SC1162 SECOS-2SC1162 Datasheet
398Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Inchange Semiconductor ...
2SC1162 ISC-2SC1162 Datasheet
154Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC1162

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com