Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2229 Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC2229
Description  T O-92MOD Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2229 Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2229 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2229 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2229 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2229 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2229 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
4.800
5.000
0.189
0.197
A1
1.730
2.030
0.068
0.080
b
0.440
0.600
0.017
0.024
b1
0.940
1.100
0.037
0.043
c
0.350
0.450
0.014
0.018
D
5.900
6.100
0.232
0.240
D1
4.000
0.157
E
8.500
8.700
0.335
0.343
e
1.500 TYP.
0.059 TYP.
e1
2.900
3.100
0.114
0.122
L
13.800
14.200
0.543
0.559
Φ
1.600
0.063
0.000
0.380
0.000
0.015
h
www.cj-elec.com
4
www.cj-elec.com
D,Aug,2017


Similar Part No. - 2SC2229

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2229 TOSHIBA-2SC2229 Datasheet
189Kb / 3P
   TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAHE SWITCHING, DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS)
2SC2229 TOSHIBA-2SC2229 Datasheet
124Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process)
logo
SHENZHEN YONGERJIA INDU...
2SC2229 WINNERJOIN-2SC2229 Datasheet
136Kb / 1P
   TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2229 FOSHAN-2SC2229 Datasheet
897Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
logo
SeCoS Halbleitertechnol...
2SC2229 SECOS-2SC2229 Datasheet
356Kb / 2P
   50mA , 200V NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC2229

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
KSA910 JIANGSU-KSA910 Datasheet
1Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SD789 JIANGSU-2SD789 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SD1247 JIANGSU-2SD1247 Datasheet
1Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SA1283 JIANGSU-2SA1283 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SC3243 JIANGSU-2SC3243 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
KSC2330 JIANGSU-KSC2330 Datasheet
1Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SA1371 JIANGSU-2SA1371 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistor
2SA965 JIANGSU-2SA965 Datasheet
4Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
2SB985 JIANGSU-2SB985 Datasheet
3Mb / 5P
   TO-92MOD Plastic-Encapsulate Transistors
2SC1627A JIANGSU-2SC1627A Datasheet
6Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com