Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB460N11 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB460N11
Description  Photologic Slotted Optical Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB460N11 Datasheet(HTML) 4 Page - TT Electronics.

  OPB460N11 Datasheet HTML 1Page - TT Electronics. OPB460N11 Datasheet HTML 2Page - TT Electronics. OPB460N11 Datasheet HTML 3Page - TT Electronics. OPB460N11 Datasheet HTML 4Page - TT Electronics. OPB460N11 Datasheet HTML 5Page - TT Electronics. OPB460N11 Datasheet HTML 6Page - TT Electronics. OPB460N11 Datasheet HTML 7Page - TT Electronics. OPB460N11 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OPB460/470/480/490 Buffered 10K Pull-Up
OPB462/472/482/492 Inverted 10K Pull-Up
OPB463/473/483/493 Inverted Open-Collector
OPB461/471/481/491 Buffered Open-Collector


Similar Part No. - OPB460N11

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB460 OPTEK-OPB460 Datasheet
203Kb / 4P
   Photologic Slotted Optical Switches
OPB460 OPTEK-OPB460 Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
logo
TT Electronics.
OPB460 TTELEC-OPB460 Datasheet
1Mb / 8P
   Slotted Optical
OPB46060L11Z TTELEC-OPB46060L11Z Datasheet
1Mb / 8P
   Slotted Optical
OPB46060N11Z TTELEC-OPB46060N11Z Datasheet
1Mb / 8P
   Slotted Optical
More results

Similar Description - OPB460N11

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com