Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB460T11 Datasheet(PDF) 5 Page - TT Electronics.

Part # OPB460T11
Description  Photologic Slotted Optical Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB460T11 Datasheet(HTML) 5 Page - TT Electronics.

  OPB460T11 Datasheet HTML 1Page - TT Electronics. OPB460T11 Datasheet HTML 2Page - TT Electronics. OPB460T11 Datasheet HTML 3Page - TT Electronics. OPB460T11 Datasheet HTML 4Page - TT Electronics. OPB460T11 Datasheet HTML 5Page - TT Electronics. OPB460T11 Datasheet HTML 6Page - TT Electronics. OPB460T11 Datasheet HTML 7Page - TT Electronics. OPB460T11 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA, TA = 25° C
IR
Reverse Current
-
-
100
µA
VR = 2 V, TA = 25° C
Output Photologic® Sensor
VCC
Operating DC Supply Voltage
4.5
-
16
V
ICCL
Low Level Supply Current:
Buffered with 10k pull-up(1)
Buffered Open-Collector Output
-
-
7.5
mA
VCC = 16 V, IF = 0 mA
(1)
Inverted with 10k pull-up:
Inverted Open-Collector Output
-
-
7.5
mA
VCC = 16 V, IF = 12 mA
ICCH
High Level Supply Current:
Buffered with 10k pull-up
Buffered Open-Collector Output
-
-
7.5
mA
VCC = 16 V, IF = 12 mA
Inverted with 10k pull-up:
Inverted Open-Collector Output
-
-
7.5
mA
VCC = 16 V, IF = 0 mA
(1)
VOL
Low Level Output Voltage:
Buffered with 10k pull-up
Buffered Open-Collector Output
-
-
0.4
V
VCC = 4.5 V, IOL = 16 mA, IF = 0 mA
Inverted with 10k pull-up:
Inverted Open-Collector Output
-
-
0.4
V
VCC = 4.5 V, IF = 12 mA
(1)
VOH
High Level Output Voltage:
Buffered with 10k pull-up
VCC
-1.5
-
-
V
VCC = 4.5 V to 16 V, No Load, IF = 12
mA
Inverted with 10k pull-up:
Inverted Open-Collector Output(1)
VCC
-1.5
-
-
V
VCC = 4.5 V to 16 V, No Load, IF = 0
mA
IOH
High Level Output Voltage:
Buffered Open-Collector Output
-
-
14
µA
VCC = 16 V, IF = 12 mA, VOH = 25 V,
TA = 25° C
Inverted with 10k pull-up:
Inverted Open-Collector Output(1)
-
-
14
µA
VCC = 16 V, IF = 0 mA, VOH = 25 V,
TA = 25° C
IF(+)
LED Positive-Going Threshold Current
-
-
10
mA
VCC = 5 V, TA = 25° C
IF(+)/IF(-)
Hysteresis
-
1.4
-
-
VCC = 5 V
trtf
Rise Time, Fall Time
-
50
-
ns
VCC = 5 V, TA = 25° C, IF = 0 or 12 mA
tPLHtPHL
Propagation Delay
-
3
-
µs
RL = 300 Ω to 5 V, CL = 50 pF
Notes:
(1) Normal application would be with light source blocked, simulated by IF = 0 mA.
(2) All parameters tested using pulse technique.


Similar Part No. - OPB460T11

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB460 OPTEK-OPB460 Datasheet
203Kb / 4P
   Photologic Slotted Optical Switches
OPB460 OPTEK-OPB460 Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
logo
TT Electronics.
OPB460 TTELEC-OPB460 Datasheet
1Mb / 8P
   Slotted Optical
OPB46060L11Z TTELEC-OPB46060L11Z Datasheet
1Mb / 8P
   Slotted Optical
OPB46060N11Z TTELEC-OPB46060N11Z Datasheet
1Mb / 8P
   Slotted Optical
More results

Similar Description - OPB460T11

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com