Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB901L55 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPB901L55
Description  PhotologicSlotted Optical Switch ?쏻ide Gap??Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB901L55 Datasheet(HTML) 3 Page - TT Electronics.

  OPB901L55 Datasheet HTML 1Page - TT Electronics. OPB901L55 Datasheet HTML 2Page - TT Electronics. OPB901L55 Datasheet HTML 3Page - TT Electronics. OPB901L55 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Photologic ® Slotted Optical
Switch “Wide Gap” Series
OPB900 through OPB913 Series (L, W_Z)
© TT electronics plc
Issue A
09/2016
Page 3
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Electrical Characteristics (TA = -40°C to + 70° Unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OPB240 for more information — for reference only)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA, TA = 25° C
IR
Reverse Current
-
-
100
µA
VR = 2 V, TA = 25° C
Output Photologic® Sensor (See OPB560 for more information — for reference only)
VCC
Operating D.C. Supply Voltage
4.75
-
5.25
V
ICCL
Low Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
-
-
15
mA
VCC = 5.25 V, IF = 0 mA
(1)
Inverted Totem-Pole Output
Inverted Open-Collector Output
-
-
15
mA
VCC = 5.25 V, IF = 20 mA
(1)
ICCH
High Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
-
-
15
mA
VCC = 5.25 V, IF = 20 mA
(1)
Inverted Totem-Pole Output
Inverted Open-Collector Output
-
-
15
mA
VCC = 5.25 V, IF = 0 mA
(1)
VOL
Low Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
-
-
0.4
V
VCC = 4.75 V, IOL = 12.8 mA, IF = 0 mA
(1)
Inverted Totem-Pole Output
Inverted Open-Collector Output
-
-
0.4
V
VCC = 4.75 V, IOL = 12.8 mA , IF = 20 mA
(1)
VOH
High Level Output Voltage:
Buffered Totem-Pole Output
2.4
-
-
V
VCC = 4.75 V, IOH = -800 µA, IF = 20 mA
(1)
Inverted Totem-Pole Output
2.4
-
-
V
VCC = 4.75 V, IOH = -800 µA, IF = 0 mA
(1)
IOH
High Level Output Current:
Buffered Open-Collector Output
-
-
100
µA
VCC = 4.75 V, VOH = 30 V, TA = 25° C
Inverted Open-Collector Output
-
-
100
µA
VCC = 4.75 V, VOH = 30 V, TA = 25° C
IF(+)
LED Positive-Going Threshold Current
-
-
20
mA
VCC = 5 V, TA = 25° C
IF(+)/IF(-)
Hysteresis
-
2
-
-
VCC = 5 V
IOS
Short Circuit Output Current:
Buffered Totem-Pole Output
-30
-
-100
mA
VCC = 5.25 V, IF = 20 mA
Output = GND
Inverted Totem-Pole Output
-30
-
-100
mA
VCC = 5.25 V, IF = 0 mA
Output = GND
tr, tf
Output Rise Time, Output Fall Time
-
70
-
ns
VCC = 5 V, TA = 25° C
IF = 0 or 20 mA
RL = 8 TTL Loads (Totem-Pole)
RL = 360 Ω (Open-Collector)
tPLH, tPHL
Propagation Delay Low-High and High-Low
-
5
-
µs
Notes:
(1)
Normal application would be with light source blocked, simulated by IF = 0 mA.


Similar Part No. - OPB901L55

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB901L55W51Z TTELEC-OPB901L55W51Z Datasheet
633Kb / 4P
   Slotted Optical Switch Wide Gap Series
OPB901L55W55Z TTELEC-OPB901L55W55Z Datasheet
633Kb / 4P
   Slotted Optical Switch Wide Gap Series
More results

Similar Description - OPB901L55

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB902W55Z TTELEC-OPB902W55Z Datasheet
633Kb / 4P
   Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
OPB901W55Z TTELEC-OPB901W55Z Datasheet
633Kb / 4P
   Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
logo
OPTEK Technologies
OPB900 OPTEK-OPB900 Datasheet
371Kb / 4P
   Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com