Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB930L51 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPB930L51
Description  Photologic Slotted Optical Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB930L51 Datasheet(HTML) 3 Page - TT Electronics.

  OPB930L51 Datasheet HTML 1Page - TT Electronics. OPB930L51 Datasheet HTML 2Page - TT Electronics. OPB930L51 Datasheet HTML 3Page - TT Electronics. OPB930L51 Datasheet HTML 4Page - TT Electronics. OPB930L51 Datasheet HTML 5Page - TT Electronics. OPB930L51 Datasheet HTML 6Page - TT Electronics. OPB930L51 Datasheet HTML 7Page - TT Electronics. OPB930L51 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Color- Pin # Description
Red—1
Anode
Black—2
Cathode
White—3
VCC
Blue—4
Output
Green—5
Ground
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
PCBoard (L) version
Wired (W) version
The W Series includes wire terminations of 24” (610 mm) 7-strand, 26
AWG UL insulated wire on each terminal. Each device incorporates a
wire strain relief at the housing surface. The insulation functions and
colors are: anode (red), cathode (black), phototransistor collector (white)
and phototransistor emitter (green).


Similar Part No. - OPB930L51

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB930L51 OPTEK-OPB930L51 Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
logo
TT Electronics.
OPB930L51 TTELEC-OPB930L51 Datasheet
751Kb / 9P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB930L51 OPTEK-OPB930L51 Datasheet
317Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
TT Electronics.
OPB930L51W TTELEC-OPB930L51W Datasheet
751Kb / 9P
   Slotted Optical Switch
OPB930L51Z TTELEC-OPB930L51Z Datasheet
751Kb / 9P
   Slotted Optical Switch
More results

Similar Description - OPB930L51

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com