Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB628 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB628
Description  Photologic Slotted Optical Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB628 Datasheet(HTML) 1 Page - TT Electronics.

  OPB628 Datasheet HTML 1Page - TT Electronics. OPB628 Datasheet HTML 2Page - TT Electronics. OPB628 Datasheet HTML 3Page - TT Electronics. OPB628 Datasheet HTML 4Page - TT Electronics. OPB628 Datasheet HTML 5Page - TT Electronics. OPB628 Datasheet HTML 6Page - TT Electronics. OPB628 Datasheet HTML 7Page - TT Electronics. OPB628 Datasheet HTML 8Page - TT Electronics. OPB628 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ordering Information
Part
Number
Package
Style
Sensor
Photologic®
Aperture
Emitter /
Sensor
Slot Width /
Depth
Lead Length /
Spacing
OPB615
10K Pull-up
None
0.150" /
0.240”
0.100" (min) /
0.275"
N
OPB616
Open Collector
OPB617
Inv-10K Pull-up
OPB618
Inv-Open Collector
OPB625
10K Pull-up
None
0.190" /
0.285”
0.100" (min) /
0.320"
OPB626
Open Collector
OPB627
Inv-10K Pull-up
OPB628
Inv-Open Collector
OPB665N
10K Pull-up
0.05”/ 0.01”
0.125" /
0.345”
OPB666N
Open Collector
OPB667N
Inv-10K Pull-Up
OPB668N
Inv-Open Collector
OPB665T
T
10K Pull-up
OPB666T
Open Collector
OPB667T
Inv-10K Pull-up
OPB668T
Inv-Open Collector
RoHS


Similar Part No. - OPB628

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB628 OPTEK-OPB628 Datasheet
518Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITICH
More results

Similar Description - OPB628

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com