Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB931W55Z Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB931W55Z
Description  Photologic Slotted Optical Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB931W55Z Datasheet(HTML) 2 Page - TT Electronics.

  OPB931W55Z Datasheet HTML 1Page - TT Electronics. OPB931W55Z Datasheet HTML 2Page - TT Electronics. OPB931W55Z Datasheet HTML 3Page - TT Electronics. OPB931W55Z Datasheet HTML 4Page - TT Electronics. OPB931W55Z Datasheet HTML 5Page - TT Electronics. OPB931W55Z Datasheet HTML 6Page - TT Electronics. OPB931W55Z Datasheet HTML 7Page - TT Electronics. OPB931W55Z Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Supply Voltage, VCC (not to exceed 3 seconds)
10 V
Operating Temperature Range
-40°C to +70° C
Storage Temperature Range
-40°C to +85° C
Lead Soldering Temperature (1/16 inch (1.6mm) from the case for 5 sec. with soldering iron
(1)
260° C
Input Diode Power Dissipation
(2)
100 mW
Output Photologic® Power Dissipation
(3)
200 mW
Total Device Power Dissipation
(4)
300 mW
Voltage at Output Lead (Open Collector Output)
35 V
Diode Forward DC Current
40 mA
Diode Reverse DC Voltage
2 V
OPB930, OPB940 Buffered Totem-Pole
OPB932, OPB942 Inverted Totem-Pole
OPB931, OPB941 Buffered Open-Collector
OPB933 & OPB943 Inverted Open-Collector
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Derate linearly 2.22 mW/°C above 25°.
(3) Derate linearly 4.44 mW/°C above 25°.
(4) Derate linearly 6.66 mW/°C above 25°.
(5) OPB930L/OPB940L series devices are terminated with 0.020” square leads designed for PCBoard mounting.
(6) Methanol and isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and ketones.
(7) All parameters tested using pulse technique.


Similar Part No. - OPB931W55Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB931W55Z TTELEC-OPB931W55Z Datasheet
751Kb / 9P
   Slotted Optical Switch
More results

Similar Description - OPB931W55Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com