Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOA95020 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GOA95020
Description  THREE PHASE AC-SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOA95020 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GOA95020 Datasheet HTML 1Page - Green Power Solutions srl GOA95020 Datasheet HTML 2Page - Green Power Solutions srl GOA95020 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GOA9xx20
THREE PHASE AC-SWITCH
Fuse protection
Blown fuse indicators with microswitch
Over temperature switches
Fan loss detection circuit
Snubber for SCR's protections
Extractible stacks for easy field service
LINE VOLTAGE UP TO 500V
RMS OUTPUT CURRENT 2000 A
GOA94020
GOA95020
Line to line voltage
Characteristic
Conditions
IRMS
RMS output current
2000 A
2000 A
VINS (rms)
Insulation voltage
3000 V
3000 V
THYRISTOR CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, V D = 5 V
3 V
3 V
IGT
Gate trigger current
Tj = 25 °C, V D = 5 V
300 mA
300 mA
dV/dt
Critical rate of rise off-state voltage
Tj= 125 °C
1000 V/us
1000 V/us
VRRM
Blocking Voltage
Tj = 125 °C
1200 V
1600 V
FUSE TYPE 2 X SIBA 2068132.1100
VNF
Rated voltage
690 V
690 V
INF
Rated current
1100 A
1100 A
PVF
Power loss
At rated current
136 W
136 W
I²t
Total I
2t
At 660 V
1200 kA
2s
1200 kA
2s
MECHANICAL AND THERMAL CHARACTERISTICS
Width
620 mm
620 mm
Depth
360 mm
360 mm
Height
855 mm
855 mm
Mass
100 kg
100 kg
Ta max
Max amb. op. Temp.
40 °C
40 °C
Tstg
Storage temperature
-40/60 °C
-40/60 °C
Document GOA9xx20T001
400 V
500 V
Value
Value
Green Power Solutions srl
Via Venezia 34D - 10088 Volpiano (TO), Italy
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
Web: www.gpsemi.it
e-mail: info@gpsemi.it


Similar Part No. - GOA95020

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOA95020 GPSEMI-GOA95020 Datasheet
354Kb / 3P
   THREE PHASE AC-SWITCH
More results

Similar Description - GOA95020

ManufacturerPart #DatasheetDescription
logo
International Rectifier
104MT IRF-104MT Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
54MT100KB IRF-54MT100KB Datasheet
156Kb / 10P
   THREE PHASE AC SWITCH
logo
Green Power Solutions s...
GOA94004C GPSEMI-GOA94004C_17 Datasheet
101Kb / 3P
   THREE PHASE AC-SWITCH
GOA94010 GPSEMI-GOA94010_17 Datasheet
96Kb / 3P
   THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009_17 Datasheet
105Kb / 2P
   THREE PHASE AC-SWITCH
GOA95002W GPSEMI-GOA95002W Datasheet
103Kb / 2P
   THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009 Datasheet
398Kb / 2P
   THREE PHASE AC-SWITCH
GOA94024 GPSEMI-GOA94024 Datasheet
332Kb / 3P
   THREE PHASE AC-SWITCH
GOA95010 GPSEMI-GOA95010 Datasheet
96Kb / 3P
   THREE PHASE AC-SWITCH
GOA95024 GPSEMI-GOA95024 Datasheet
98Kb / 3P
   THREE PHASE AC-SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com