Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOB95027 Datasheet(PDF) 3 Page - Green Power Solutions srl

Part # GOB95027
Description  Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOB95027 Datasheet(HTML) 3 Page - Green Power Solutions srl

  GOB95027 Datasheet HTML 1Page - Green Power Solutions srl GOB95027 Datasheet HTML 2Page - Green Power Solutions srl GOB95027 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
THREE PHASE AC-DC BRIDGE
GOB9xx27
Cooling:
Fan type:
single phase axial
Number of fans: 2
Voltage:
230 V
Current:
1.3 A
Frequency:
50/60 Hz
Noise:
62 dBA
Document GOB9xx27T001
T1
T4
F1
F4
G1
K1
G4
K4
U
V
W
TH1
TH2
TH3
FSW1
FSW2
FSW3
FSW4
FSW5
FSW6
61
62
81
82
TH: THERMOSWITCH
FSW: BLOWN FUSE SWITCH
T1°
T4°
T2
T5
F2
F5
G2
K2
G5
K5
T2°
T5°
T3
T6
F3
F6
G3
K3
G6
K6
T3°
T6°
G1°
K1°
G4°
K4°
G2°
K2°
G5°
K5°
G3°
K3°
G6°
K6°
-
+
81-82: BLOWN FUSE SWITCH CIRCUIT CONNECTION
61-62: THERMOSWITCH CIRCUIT CONNECTION
FAN 2
FAN BOARD
31
32
U3
PE
FAN 1
V3
U3-V3: MAIN SUPPLY
31-32: FAN BOARD CONTACT (CLOSED WHEN FAN RUNNING)
PE: GROUND CONNECTION (GND)
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.


Similar Part No. - GOB95027

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOB95027 GPSEMI-GOB95027 Datasheet
358Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
More results

Similar Description - GOB95027

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOB94024 GPSEMI-GOB94024_17 Datasheet
118Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB96020 GPSEMI-GOB96020 Datasheet
123Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB95028 GPSEMI-GOB95028 Datasheet
228Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB95015 GPSEMI-GOB95015 Datasheet
109Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB96017 GPSEMI-GOB96017 Datasheet
180Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB94020 GPSEMI-GOB94020_17 Datasheet
110Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB96027 GPSEMI-GOB96027 Datasheet
112Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB94015 GPSEMI-GOB94015 Datasheet
307Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB94020 GPSEMI-GOB94020 Datasheet
305Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB96014 GPSEMI-GOB96014 Datasheet
671Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB95020 GPSEMI-GOB95020 Datasheet
110Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com