Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3245DWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T3245DWR
Description  8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3245DWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74CB3T3245DWR Datasheet HTML 1Page - Texas Instruments SN74CB3T3245DWR Datasheet HTML 2Page - Texas Instruments SN74CB3T3245DWR Datasheet HTML 3Page - Texas Instruments SN74CB3T3245DWR Datasheet HTML 4Page - Texas Instruments SN74CB3T3245DWR Datasheet HTML 5Page - Texas Instruments SN74CB3T3245DWR Datasheet HTML 6Page - Texas Instruments SN74CB3T3245DWR Datasheet HTML 7Page - Texas Instruments SN74CB3T3245DWR Datasheet HTML 8Page - Texas Instruments SN74CB3T3245DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
NC − No internal connection
DESCRIPTION/ORDERING INFORMATION
SN74CB3T3245
8-BIT FET BUS SWITCH
2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SCDS136 – OCTOBER 2003 – REVISED MARCH 2005
VCC Operating Range From 2.3 V to 3.6 V
Standard '245-Type Pinout
Data I/Os Support 0- to 5-V Signaling Levels
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
Output Voltage Translation Tracks VCC
Control Inputs Can Be Driven by TTL or
Supports Mixed-Mode Signal Operation on All
5-V/3.3-V CMOS Outputs
Data I/O Ports
Ioff Supports Partial-Power-Down Mode
– 5-V Input Down to 3.3-V Output Level Shift
Operation
With 3.3-V VCC
Latch-Up Performance Exceeds 250 mA
– 5-V/3.3-V Input Down to 2.5-V Output Level
Per JESD 17
Shift With 2.5-V VCC
ESD Performance Tested Per JESD 22
5-V-Tolerant I/Os With Device Powered Up or
Powered Down
– 2000-V Human-Body Model (A114-B,
Class II)
Bidirectional Data Flow With Near-Zero
Propagation Delay
– 1000-V Charged-Device Model (C101)
Low ON-State Resistance (ron) Characteristics
Supports Digital Applications: Level
(ron = 5 Ω Typ)
Translation, PCI Interface, USB Interface,
Memory Interleaving, Bus Isolation
Low Input/Output Capacitance Minimizes
Loading (Cio(OFF) = 5 pF Typ)
Ideal for Low-Power Portable Equipment
Data and Control Inputs Provide Undershoot
Clamp Diodes
Low Power Consumption (ICC = 40 µA Max)
The SN74CB3T3245 is a high-speed TTL-compatible FET bus switch with low ON-state resistance (ron), allowing
for minimal propagation delay. The device fully supports mixed-mode signal operation on all data I/O ports by
providing voltage translation that tracks VCC. The SN74CB3T3245 supports systems using 5-V TTL, 3.3-V
LVTTL, and 2.5-V CMOS switching standards, as well as user-defined switching levels (see Figure 1).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74CB3T3245DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3245DWR TI-SN74CB3T3245DWR Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3245DWR TI-SN74CB3T3245DWR Datasheet
476Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245DWR TI-SN74CB3T3245DWR Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245DWR TI1-SN74CB3T3245DWR Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit FET Bus Switch
SN74CB3T3245DWRE4 TI-SN74CB3T3245DWRE4 Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
More results

Similar Description - SN74CB3T3245DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3245 TI-SN74CB3T3245_10 Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245_08 Datasheet
476Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245_07 Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI-SN74CB3T16212 Datasheet
250Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com